Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5707.0603.313 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5707.0603.313
Description  Screw-on version from front or rear side, Screws with sealing are included
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5707.0603.313 Datasheet(HTML) 2 Page - Schurter Inc.

  5707.0603.313 Datasheet HTML 1Page - Schurter Inc. 5707.0603.313 Datasheet HTML 2Page - Schurter Inc. 5707.0603.313 Datasheet HTML 3Page - Schurter Inc. 5707.0603.313 Datasheet HTML 4Page - Schurter Inc. 5707.0603.313 Datasheet HTML 5Page - Schurter Inc. 5707.0603.313 Datasheet HTML 6Page - Schurter Inc. 5707.0603.313 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Power Entry Modules with Line Filter
5707
www.schurter.com/PG06
EMC Products
Dimensions
Mounting from front side
ø 3.4
29.2
36
30
12
43.6
29
0.5
+0.20
0
±0.15
R4.5
51
59.6
36
3.5
±0.20
±0.20
Mounting from rear side
ø 3.4
30.5
36
30
12
43.6
29
0.5
+0.20
0
±0.15
R4.5
51
59.6
36
3.5
±0.20
±0.20
Assembly Instructions
Mounting sealing kit IP 54 for the power supply (only for frontside moun-
ting)
3)
7)
4)
5)
2)
6)
1)
1) Power entry module with factory-mounted inlet gasket
2) Chassis
3) Pillar
4) Gasket ring
5) Crinkle washer
6) Nut
7) Retaining clip
Mating cordsets to sealing kit
Part no
Country plug
Cable length
Cross section
Color
6000.0214
open end
2.0 m
3x1 mm2
black
6003.0215
EURO plug
2.5 m
3x1 mm2
black
6004.0215
EURO plug
2.5 m
3x1 mm2
black
6007.0212
EURO plug
1.0 m
3x1 mm2
black
6007.0214
IEC plug
2.0 m
3x1 mm2
black
6004.0114
EURO plug
2.0 m
3x0.75 mm2
black
6026.0215
Italy
2.5 m
3x1 mm2
black
6009.1315
North America
2.5 m
3x18 AWG
black
6047.6414
North America
2.0 m
3x0.75 mm2
black
6009.1214
North America
2.0 m
3x18 AWG
black
6011.0215
Switzerland
2.5 m
3x1 mm2
black
6044.0215
United Kingdom
2.5 m
3x1 mm2
black


Similar Part No. - 5707.0603.313

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5707.2 ALTECH-5707.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
More results

Similar Description - 5707.0603.313

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100.3200 SCHURTER-6100.3200 Datasheet
449Kb / 3P
   Screw-on mounting from front or rear-side
C22F SCHURTER-C22F Datasheet
796Kb / 4P
   Panel Mount Screw-on from front side
0183 SCHURTER-0183_14 Datasheet
172Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0183 SCHURTER-0183 Datasheet
291Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163_13 Datasheet
309Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163 Datasheet
325Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
6049 SCHURTER-6049_V01 Datasheet
281Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6049 SCHURTER-6049 Datasheet
375Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6048 SCHURTER-6048 Datasheet
387Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
5082 SCHURTER-5082 Datasheet
315Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front or Rear Side, Solder Terminal
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com