Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT74ASJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHCT74ASJ
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT74ASJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCT74ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT74A Rev. 1.4.0
May 2008
74VHCT74A
Dual D-Type Flip-Flop with Preset and Clear
Features
n
High speed: fMAX = 160MHz (Typ.) at TA = 25°C
n
High noise immunity: VIH = 2.0V, VIL = 0.8V
n
Power down protection is provided on all inputs and
outputs
n
Low power dissipation: ICC = 2µA (Max.) at TA = 25°C
n
Pin and function compatible with 74HCT74
General Description
The VHCT74A is an advanced high speed CMOS Dual
D-Type Flip-Flop fabricated with silicon gate CMOS tech-
nology. It achieves the high speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation. The signal level applied to
the D INPUT is transferred to the Q OUTPUT during the
positive going transition of the CK pulse. CLR and PR
are independent of the CK and are accomplished by set-
ting the appropriate input LOW.
Protection circuits ensure that 0V to 7V can be applied to
the input pins without regard to the supply voltage and to
the output pins with VCC = 0V. These circuits prevent
device destruction due to mismatched supply and input/
output voltages. This device can be used to interface 3V
to 5V systems and two supply systems such as battery
backup.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHCT74AM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHCT74ASJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT74AMTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


Similar Part No. - 74VHCT74ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
105Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
277Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHCT74ASJ ONSEMI-74VHCT74ASJ Datasheet
279Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results

Similar Description - 74VHCT74ASJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com