Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX17 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BCX17
Description  PNP General-Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCX17 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BCX17 Datasheet HTML 1Page - Fairchild Semiconductor BCX17 Datasheet HTML 2Page - Fairchild Semiconductor BCX17 Datasheet HTML 3Page - Fairchild Semiconductor BCX17 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCX17 Rev. 1.1.0
2
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
1. Alumina = 0.4 inch x 0.3 inch x 0.024 inch 9.5% alumina.
Electrical Characteristics
Values are at TC = 25°C unless otherwise noted.
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation: Alumina Substrate, TA = 25°C
(1)
300
mW
Derate Above TA = 25°C
2.4
mW/°C
RθJA
Thermal Resistance, Junction to Ambient
417
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
V(BR)CEO
Collector-Emitter Breakdown Voltage IC = -10 mA, IB = 0
-45
V
V(BR)CES
Collector-Emitter Breakdown Voltage IC = -10 μA, IE = 0
-50
V
ICBO
Collector Cut-Off Current
VCB = -20 V, IE = 0
-100
nA
VCB = -20 V, IE = 0,
TA = 150°C
-5
μA
IEBO
Emitter Cut-Off Current
VEB = -5.0 V, IC = 0
-10
μA
hFE
DC Current Gain
IC = -100 mA, VCE = -1.0 V
100
600
IC = -300 mA, VCE = -1.0 V
70
IC = -500 mA, VCE = -1.0 V
40
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -500 mA, IB = -50 mA
-0.62
V
VBE(on)
Base-Emitter On Voltage
IC = -500 mA, VCE = -1.0 V
-1.2
V


Similar Part No. - BCX17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Nexperia B.V. All right...
BCX17 NEXPERIA-BCX17 Datasheet
302Kb / 8P
   PNP general purpose transistors
2004 Jan 16
logo
Zetex Semiconductors
BCX17 ZETEX-BCX17 Datasheet
37Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diotec Semiconductor
BCX17 DIOTEC-BCX17 Datasheet
176Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCX17 FAIRCHILD-BCX17 Datasheet
45Kb / 3P
   PNP General Purpose Amplifier
More results

Similar Description - BCX17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com