Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFB2005 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DFB2005
Description  Glass-Passivated Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DFB2005 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DFB2005_13 Datasheet HTML 1Page - Fairchild Semiconductor DFB2005_13 Datasheet HTML 2Page - Fairchild Semiconductor DFB2005_13 Datasheet HTML 3Page - Fairchild Semiconductor DFB2005_13 Datasheet HTML 4Page - Fairchild Semiconductor DFB2005_13 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DFB2005 - DFB20100 Rev. 1.2.2
2
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. Single-phase, half-wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
2. Device mounted on 4 inch x 5 inch x 0.25 inch Al-plate heat sink.
Electrical Characteristics
Values are at TA = 25°C unless otherwise specified.
Note:
3. Measured at 1 MHz and applied reverse bias of 4.0 V DC.
Symbol
Parameter
Value
Units
DFB
2005
DFB
2010
DFB
2020
DFB
2040
DFB
2060
DFB
2080
DFB
20100
VRRM
Maximum
Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
I(AV)
Maximum
Average Forward Rectified Current
20
A
IFSM
Peak Forward Surge Current
(8.3 ms Single Half-wave)
250
A
RθJC
Typical Thermal Resistance(2)
4.75
°C/W
TJ
Operating Temperature Range
-55 to +150
°C
TSTG
Storage Temperature Range
-55 to +150
°C
Symbol
Parameter
Test condition
Value
Unit
VF
Maximum
10 A
1.0
V
Instantaneous Forward Voltage
20 A
1.1
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA = 25°C
10
μA
TA = 125°C
500
I2t
Rating for Fusing (t < 8.3 ms)
259
A2s
CJ
Typical Junction Capacitance per Leg(3)
140
pF


Similar Part No. - DFB2005_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DFB2005 FAIRCHILD-DFB2005 Datasheet
423Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - DFB2005_13

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com