Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC251D Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC251D
Description  8-Input Multiplexer with TRI-STATE Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC251D Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54AC251D Datasheet HTML 1Page - National Semiconductor (TI) 54AC251D Datasheet HTML 2Page - National Semiconductor (TI) 54AC251D Datasheet HTML 3Page - National Semiconductor (TI) 54AC251D Datasheet HTML 4Page - National Semiconductor (TI) 54AC251D Datasheet HTML 5Page - National Semiconductor (TI) 54AC251D Datasheet HTML 6Page - National Semiconductor (TI) 54AC251D Datasheet HTML 7Page - National Semiconductor (TI) 54AC251D Datasheet HTML 8Page - National Semiconductor (TI) 54AC251D Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
’AC
2.0V to 6.0V
’ACT
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54AC/ACT
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
’AC Devices
V
IN from 30% to 70% of VCC
V
CC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
∆V/∆t)
’ACT Devices
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACT® circuits outside databook specifications.
Note 2: All outputs loaded; thresholds on input associated with output under
test.
DC Characteristics for ’AC Family Devices
54AC
Symbol
Parameter
V
CC
T
A = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
V
IH
Minimum High Level
3.0
2.1
V
OUT = 0.1V
Input Voltage
4.5
3.15
V
or V
CC − 0.1V
5.5
3.85
V
IL
Maximum Low Level
3.0
0.9
V
OUT = 0.1V
Input Voltage
4.5
1.35
V
or V
CC − 0.1V
5.5
1.65
V
OH
Minimum High Level
3.0
2.9
I
OUT = −50 µA
Output Voltage
4.5
4.4
V
5.5
5.4
(Note 2)
V
IN = VIL or VIH
3.0
2.4
I
OH = −12 mA
4.5
3.7
V
I
OH = −24 mA
5.5
4.7
I
OH = −24 mA
V
OL
Maximum Low Level
3.0
0.1
I
OUT = 50 µA
Output Voltage
4.5
0.1
V
5.5
0.1
(Note 2)
V
IN = VIL or VIH
3.0
0.50
I
OL =12mA
4.5
0.50
V
I
OL =24mA
5.5
0.50
I
OL =24mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
www.national.com
4


Similar Part No. - 54AC251D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC251DMQB NSC-54AC251DMQB Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
More results

Similar Description - 54AC251D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74ACT251SCX FAIRCHILD-74ACT251SCX Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251 FAIRCHILD-74AC251 Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com