Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPR346KS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPR346KS
Description  RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR346KS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPR346KS Datasheet HTML 1Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 2Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 3Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 4Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 5Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 6Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 7Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 8Page - NICHIA CORPORATION NSPR346KS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NICHIA STS-DA1-1354B <Cat.No.111003>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
1.80
2.55
V
Reverse Current
-
-
50
µA
V
1510
2140
Luminous Intensity
U
1070
1510
mcd
Color Rank
Rank R8
x
0.6742
0.6598
0.6915
0.7080
y
0.2958
0.3106
0.3083
0.2920
* Ranking at TA=25°C.
* Reverse Current at VR=5V.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Luminous Intensity value as per CIE 127:2007 standard.
* Tolerance of measurements of the Luminous Intensity is ±10%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.01.
* A shipment shall consist of LEDs in a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.


Similar Part No. - NSPR346KS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR346LS NICHIA-NSPR346LS Datasheet
250Kb / 16P
   SPECIFICATIONS FOR RED LED
NSPR346MS NICHIA-NSPR346MS Datasheet
428Kb / 17P
   RED LED
More results

Similar Description - NSPR346KS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com