Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVS528 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # TVS528
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

TVS528 Datasheet(HTML) 1 Page - Digitron Semiconductors

  TVS528 Datasheet HTML 1Page - Digitron Semiconductors TVS528 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
TVS305-TVS430
TRANSIENT VOLTAGE SUPPRESSORS
TVS505-TVS528
MAXIMUM RATINGS
Ratings
TVS305-TVS430
TVS505-TVS528
Stand off voltage, VR
5 to 300V
5 to 28V
Peak pulse power (1ms)
150W
500W
Forward surge current (8.3ms half-sine wave)
15A
50A
Power, continuous
3W
5W
Storage and operating temperature
-65 to +175°
ELECTRICAL CHARACTERISTICS
Maximum
clamping
voltage
VC@
Stand-off
voltage
VR
Minimum
breakdown
voltage
VBR(min) @
1mA
Maximum
leakage
current
IR @ VR
Maximum
peak pulse
current
IPP
Maximum
clamping
voltage
VC @ IPP
Maximum
clamping
voltage
VC @ 1A
5A
10A
Part number
V
V
µA
A
V
V
V
TVS305
5.0
6.0
50
17
8.7
-
-
-
TVS310
10.0
11.1
2
8.9
16.8
-
-
-
TVS312
12
13.8
1
7.1
21.0
-
-
-
TVS315
15
16.7
1
5.9
25
-
-
-
TVS318
18
20.4
1
4.9
31
-
-
-
TVS324
24
28.4
1
3.6
42
-
-
-
TVS328
28
30.7
1
3.2
46
-
-
-
TVS348
48
54
1
1.7
82
-
-
-
TVS360
60
67
1
1.4
105
-
-
-
TVS410
100
111
1
.91
160
-
-
-
TVS420
200
234
1
.42
360
-
-
-
TVS430
300
342
1
.28
520
-
-
-
TVS505
5.0
6.0
300
53.7
9.3
7.4
-
7.9
TVS510
10.0
11.1
5
30.3
16.5
13.2
-
14.4
TVS512
12.0
13.8
5
23.8
21.0
16.5
-
18.5
TVS515
15.0
16.7
5
19.8
25.2
19.7
-
22.2
TVS518
18.0
20.4
5
16.3
30.5
23.8
26.0
-
TVS524
24.0
28.4
5
11.9
42.0
32.4
37.0
-
TVS528
28.0
30.7
5
10.7
46.5
35.9
41.0
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120926


Similar Part No. - TVS528

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TVS528 MICROSEMI-TVS528 Datasheet
143Kb / 4P
   TRANSIENT VOLTAGE SUPPRESORS
logo
Digitron Semiconductors
TVS528 DIGITRON-TVS528 Datasheet
106Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
TVS528 NJSEMI-TVS528 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TVS528

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com