Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXTF9-2050 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KXTF9-2050
Description  Tri-axis Digital Accelerometer Specifications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXTF9-2050 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KXTF9-2050 Datasheet HTML 4Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 5Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 6Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 7Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 8Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 9Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 10Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 11Page - List of Unclassifed Manufacturers KXTF9-2050 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
± 2g / 4g / 8g Tri-axis Digital
Accelerometer Specifications
PART NUMBER:
KXTF9-2050
Rev. 7
Jun-2011
36 Thornwood Dr. – Ithaca, NY 14850
© 2010 Kionix – All Rights Reserved
tel: 607-257-1080 – fax:607-257-1146
424-2397-1106241613
www.kionix.com - info@kionix.com
Page 8 of 49
Package Dimensions and Orientation
3 x 3 x 0.9 mm LGA
All dimensions and tolerances conform to ASME Y14.5M-1994


Similar Part No. - KXTF9-2050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
More results

Similar Description - KXTF9-2050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTIA-1006 ETC2-KXTIA-1006 Datasheet
1Mb / 63P
   Tri-axis Digital Accelerometer Specifications
KXRB5-2050 ETC2-KXRB5-2050 Datasheet
437Kb / 13P
   Tri-axis Accelerometer Specifications
KXSS5-2057 ETC2-KXSS5-2057 Datasheet
782Kb / 31P
   Tri-axis Accelerometer Specifications
KXSS5-4457 ETC2-KXSS5-4457 Datasheet
781Kb / 31P
   Tri-axis Accelerometer Specifications
KXR94-2353 ETC2-KXR94-2353 Datasheet
442Kb / 15P
   짹 2g Tri-axis Digital Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
   2g Tri-Axis Accelerometer Specifications
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
   2g Tri-Axis Accelerometer Specifications
KXD94-2802 ETC2-KXD94-2802 Datasheet
159Kb / 9P
   10g Tri-Axis Accelerometer Specifications
KXTH9-2083 ETC2-KXTH9-2083 Datasheet
359Kb / 11P
   Tri-axis Analog Accelerometer Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com