Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE18 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # P4KE18
Description  TRANISENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

P4KE18 Datasheet(HTML) 1 Page - Digitron Semiconductors

  P4KE18 Datasheet HTML 1Page - Digitron Semiconductors P4KE18 Datasheet HTML 2Page - Digitron Semiconductors P4KE18 Datasheet HTML 3Page - Digitron Semiconductors P4KE18 Datasheet HTML 4Page - Digitron Semiconductors P4KE18 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High-reliability discrete products
and engineering services since 1977
P4KE6.8-P4KE400A
TRANISENTVOLTAGESUPPRESSOR
Rev. 20120821
FEATURES
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
Available as non-RoHS (Sn/Pb plating), standard, and as RoHS by adding “-PBF” suffix.
For Bidirectional construction, indicate a C or CA suffix after part number, i.e. P4KE170CA.
MAXIMUM RATINGS
Peak Pulse Power Dissipation @ 25°C:
400 Watts
Steady State Power:
2.5 Watts @ TL = 25°C at 3/8” (10mm) from body, or 1.13 Watt at TA = 25°C on FR4 PC
board described for thermal resistance
Forward Voltage @ 25°C:
3.5 V @ 30 A with 8.3 ms half-sine wave (unidirectional only)
Operating and Storage Temperature:
-65° to +175°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Breakdown Voltage
V(BR)
Type Number
Rated
Stand-Off
Voltage
VWM
Min
Max
lT
mA
Maximum
Clamping
Voltage
VC MAX.
@ lpp
Maximum
Reverse
Leakage
Current
lD @ VWM
Maximum
Peak Pulse
Current
lpp
Maximum
Temperature
Coefficient
Of ∞ V(BR)
V
VDC
VDC
V
μADC
A
%/°C
P4KE6.8
P4KE6.8A
P4KE7.5
P4KE7.5A
5.50
5.80
6.05
6.40
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10
10
10
10
10.8
10.5
11.7
11.3
500
500
200
200
37
38
34
35
.057
.057
.061
.061
P4KE8.2
P4KE8.2A
P4KE9.1
P4KE9.1A
6.63
7.02
7.37
7.78
7.38
7.79
8.19
8.65
9.02
8.61
10.0
9.55
10
10
1
1
12.5
12.1
13.8
13.4
100
100
20
20
32
33
29
30
.065
.065
.068
.068
P4KE10
P4KE10A
P4KE11
P4KE11A
8.10
8.55
8.92
9.40
9.00
9.50
9.90
10.5
11.0
10.5
12.1
11.6
1
1
1
1
15.0
14.5
16.2
15.6
5
5
2
2
27
28
25
26
.073
.073
.075
.075
P4KE12
P4KE12A
P4KE13
P4KE13A
9.72
10.2
10.5
11.1
10.8
11.4
11.7
12.4
13.2
12.6
14.3
13.7
1
1
1
1
17.3
16.7
19.0
18.2
1
1
1
1
23
24
21
22
.078
.078
.081
.081
P4KE15
P4KE15A
P4KE16
P4KE16A
12.1
12.8
12.9
13.6
13.5
14.3
14.4
15.2
16.5
15.8
17.6
16.8
1
1
1
1
22.0
21.2
23.5
22.5
1
1
1
1
18
19
17
18
.084
.084
.086
.086
P4KE18
P4KE18A
P4KE20
P4KE20A
14.5
15.3
16.2
17.1
16.2
17.1
18.0
19.0
19.8
18.0
22.0
21.0
1
1
1
1
26.5
25.2
29.1
27.7
1
1
1
1
15
16
14
14.5
.088
.088
.090
.090


Similar Part No. - P4KE18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE18 PANJIT-P4KE18 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Anova Technologies CO.,...
P4KE18 ANOVA-P4KE18 Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Rugao Dachang Electroni...
P4KE18 DACHANG-P4KE18 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE18 DIOTEC-P4KE18 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE18 LUGUANG-P4KE18 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE18

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
T00003 SSDI-T00003_15 Datasheet
148Kb / 2P
   VOLTAGE SUPPRESSOR
logo
ON Semiconductor
CPH3122 ONSEMI-CPH3122 Datasheet
272Kb / 4P
   Voltage Suppressor
November, 2013
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com