Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE22 Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # P4KE22
Description  TRANISENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

P4KE22 Datasheet(HTML) 3 Page - Digitron Semiconductors

  P4KE22 Datasheet HTML 1Page - Digitron Semiconductors P4KE22 Datasheet HTML 2Page - Digitron Semiconductors P4KE22 Datasheet HTML 3Page - Digitron Semiconductors P4KE22 Datasheet HTML 4Page - Digitron Semiconductors P4KE22 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
High-reliability discrete products
and engineering services since 1977
P4KE6.8-P4KE400A
TRANISENTVOLTAGESUPPRESSOR
Rev. 20120821
Breakdown Voltage
V(BR)
Type Number
Rated
Stand-Off
Voltage
VWM
Min
Max
lT
mA
Maximum
Clamping
Voltage
VC MAX.
@ lpp
Maximum
Reverse
Leakage
Current
lD @ VWM
Maximum
Peak Pulse
Current
lpp
Maximum
Temperature
Coefficient
Of ∞ V(BR)
V
VDC
VDC
V
μADC
A
%/°C
P4KE120
P4KE120A
P4KE130
P4KE130A
97.2
102.0
105.0
111.0
108.0
114.0
117.0
124.0
132.0
126.0
143.0
137.0
1
1
1
1
173.0
165.0
187.0
179.0
1
1
1
1
2.3
2.4
2.1
2.2
.107
.107
.107
.107
P4KE150
P4KE150A
P4KE160
P4KE160A
121.0
128.0
130.0
136.0
135.0
143.0
144.0
152.0
165.0
158.0
176.0
168.0
1
1
1
1
215.0
207.0
230.0
219.0
1
1
1
1
1.9
1.9
1.7
1.8
.108
.108
.108
.108
P4KE170
P4KE170A
P4KE180
P4KE180A
138.0
145.0
146.0
154.0
153.0
162.0
162.0
171.0
187.0
179.0
198.0
189.0
1
1
1
1
244.0
234.0
258.0
246.0
1
1
1
1
1.6
1.7
1.5
1.6
.108
.108
.108
.108
P4KE200
P4KE200A
P4KE220
P4KE220A
162.0
171.0
175.0
185.0
180.0
190.0
198.0
209.0
220.0
210.0
242.0
231.0
1
1
1
1
287.0
274.0
344.0
328.0
1
1
1
1
1.4
1.5
1.0
1.0
.108
.108
.110
.110
P4KE250
P4KE250A
P4KE300
P4KE300A
202.0
214.0
243.0
256.0
225.0
237.0
270.0
285.0
275.0
263.0
330.0
315.0
1
1
1
1
360.0
344.0
430.0
414.0
1
1
1
1
1.0
1.0
1.0
1.0
.110
.110
.110
.110
P4KE350
P4KE350A
P4KE400
P4KE400A
284.0
300.0
324.0
342.0
315.0
333.0
360.0
380.0
385.0
368.0
440.0
420.0
1
1
1
1
504.0
482.0
574.0
548.0
1
1
1
1
1.0
1.0
1.0
1.0
.110
.110
.110
.110
Forward Voltage (VF) @ 30 amps peak, 8.3 ms sine wave equal to 3.5 volts maximum for P4KE6.8 to 200. (Excluding Bidirectional)


Similar Part No. - P4KE22

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE22 PANJIT-P4KE22 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P4KE22 LUGUANG-P4KE22 Datasheet
2Mb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Rugao Dachang Electroni...
P4KE22 DACHANG-P4KE22 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Shenzhen Luguang Electr...
P4KE22 LUGUANG-P4KE22 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE22 DIOTEC-P4KE22 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE22

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
T00003 SSDI-T00003_15 Datasheet
148Kb / 2P
   VOLTAGE SUPPRESSOR
logo
ON Semiconductor
CPH3122 ONSEMI-CPH3122 Datasheet
272Kb / 4P
   Voltage Suppressor
November, 2013
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com