Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKXJ401EXX680ML25S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EKXJ401EXX680ML25S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKXJ401EXX680ML25S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EKXJ401EXX680ML25S Datasheet HTML 1Page - List of Unclassifed Manufacturers EKXJ401EXX680ML25S Datasheet HTML 2Page - List of Unclassifed Manufacturers EKXJ401EXX680ML25S Datasheet HTML 3Page - List of Unclassifed Manufacturers EKXJ401EXX680ML25S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
160 to 500Vdc, long life, 105
KXJ
Series
・Downsized and Longer life from current KXG series
・Endurance with ripple current : 8,000 to 12,000 hours at 105℃
・Rated voltage range : 160 to 500V, Capacitance range : 6.8 to 680µF
・For electronic ballast circuits and other long life applications
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
–40 to +105
℃ (160 to 450Vdc)
-25 to +105
℃ (500Vdc)
Rated Voltage Range
160 to 500Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Leakage Current
After 1 minute
After 5 minutes
CV
≦1000
I=0.1CV+40
I=0.03CV+15
CV>1000
I=0.04CV+100
I=0.02CV+25
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(at 20
℃)
Dissipation Factor
(tanδ)
Rated voltage (Vdc)
160 to 250V
350 to 500V
(at 20
℃, 120Hz)
tan
δ (Max.)
0.20
0.24
Low Temperature
Characteristics
(Max. Impedance Ratio)
Rated voltage (Vdc)
160 to 250V
350, 400V
420 to 500V
(at 120Hz)
Z(
-25℃)/Z(+20℃)
3
5
6
Z(
-40℃)/Z(+20℃)
6
6
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied(the peak voltage shall not exceed the rated voltage) for the specified time at 105
℃.
Rated voltage (Vdc)
160 to 450V
500V
Time
16L to 20L
:10,000hours, 25L to 50L:12,000hours
φ10:8,000hours, φ12.5 to φ18:10.000hours
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦500% of the initial specified value
◆DIMENSIONS [mm]
Sleeve (PET : Brown)
L'
15min.
4min.
Vent
10
0.6
5.0
φD
φd
F
φD'
L'
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
φD+0.5max.
L+1.5max.
14.5
0.8
7.5
(
φ10)
(
φ12.5 toφ18)
Gas escaped end seal
Terminal Code : E
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 6.8
µF:6R8,10µF:100,100µF:101)
Lead forming·taping code
T erminal code
Voltage code (ex. 160V:161,400V:401)
Series code
Category
E K X J A A A E A A A A A
A A A S
M
1
8
5
18
11 12 13
15 16 17
14
2
3
4
5
6
7
9
10
Please refer to "Product code guide (radial lead type)"
Downsized
KXJ
KXG P183
179
CAT. No. E1001P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKXJ401EXX680ML25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKXJ401E CHEMI-CON-EKXJ401E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
More results

Similar Description - EKXJ401EXX680ML25S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com