Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKXJ401EXX680ML25S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EKXJ401EXX680ML25S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKXJ401EXX680ML25S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EKXJ401EXX680ML25S Datasheet HTML 1Page - List of Unclassifed Manufacturers EKXJ401EXX680ML25S Datasheet HTML 2Page - List of Unclassifed Manufacturers EKXJ401EXX680ML25S Datasheet HTML 3Page - List of Unclassifed Manufacturers EKXJ401EXX680ML25S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
KXJ
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(mArms/105℃, 120Hz)
Part No.
500
6.8
10
×20
0.24
90
EKXJ501E
□□6R8MJ20S
8.2
10
×25
0.24
110
EKXJ501E
□□8R2MJ25S
10
10
×30
0.24
130
EKXJ501E
□□100MJ30S
12
12.5
×20
0.24
135
EKXJ501E
□□120MK20S
15
10
×35
0.24
170
EKXJ501E
□□150MJ35S
15
10
×40
0.24
175
EKXJ501E
□□150MJ40S
15
12.5
×25
0.24
165
EKXJ501E
□□150MK25S
18
10
×45
0.24
190
EKXJ501E
□□180MJ45S
18
12.5
×30
0.24
190
EKXJ501E
□□180MK30S
22
10
×50
0.24
230
EKXJ501E
□□220MJ50S
22
12.5
×35
0.24
220
EKXJ501E
□□220MK35S
27
12.5
×40
0.24
260
EKXJ501E
□□270MK40S
33
12.5
×45
0.24
285
EKXJ501E
□□330MK45S
39
12.5
×50
0.24
330
EKXJ501E
□□390MK50S
□□ : Enter the appropriate lead forming or taping code.
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
(160 to 450Vdc)
(500Vdc)
Frequency(Hz)
Capacitance(µF)
120
1k
10k
100k
Frequency(Hz)
Capacitance(µF)
120
1k
10k
100k
6.8 to 82
1.00
1.75
2.25
2.50
6.8 to 22
1.00
1.78
2.30
2.59
100 to 680
1.00
1.67
2.05
2.25
27 to 39
1.00
1.75
2.25
2.50
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
160 to 500Vdc, long life, 105
182
CAT. No. E1001P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKXJ401EXX680ML25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKXJ401E CHEMI-CON-EKXJ401E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
More results

Similar Description - EKXJ401EXX680ML25S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com