Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT8320NBP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPT8320NBP
Description  OPT8320 3D Time-of-Flight Sensor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8320NBP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPT8320NBP Datasheet HTML 3Page - Texas Instruments OPT8320NBP Datasheet HTML 4Page - Texas Instruments OPT8320NBP Datasheet HTML 5Page - Texas Instruments OPT8320NBP Datasheet HTML 6Page - Texas Instruments OPT8320NBP Datasheet HTML 7Page - Texas Instruments OPT8320NBP Datasheet HTML 8Page - Texas Instruments OPT8320NBP Datasheet HTML 9Page - Texas Instruments OPT8320NBP Datasheet HTML 10Page - Texas Instruments OPT8320NBP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
OPT8320
www.ti.com
SBAS748 – DECEMBER 2015
Electrical Characteristics (continued)
all specifications at TA = 25°C, VAVDDH = 3.3 V, VAVDD = 1.8 V, VVMIXH = 1.8 V, VDVDD = 1.8 V, VDVDDH = 3.3 V, VPVDD = 3.3 V,
VSUB_BIAS = 0 V, integration duty cycle = 20%, system clock frequency = 24 MHz, VIOVDD = 1.8 V, modulation frequency =
48 MHz, quads = 4, sub-frames = 4, frame-rate = 30 FPS, and 850-nm illumination (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMOS INPUTS/OUTPUTS
VIH
Input high-level threshold
0.7 × VCC(1)
V
VIL
Input low-level threshold
0.3 × VCC(1)
V
VCC(1)
IOH = –2 mA
0.45
VOH
Min Output high level
V
VCC(1)
IOH = –8 mA
0.5
IOL = 2 mA
0.35
VOL
Max Output low level
V
IOL = 8 mA
0.65
Pins with pullup, pulldown resistor
±50
II
Input pin leakage current
µA
Pins without pullup, pulldown
±10
resistor
CI
Input capacitance
5
pF
IOH
Max output current high level
10
mA
IOL
Max output current low level
10
mA
(1)
VCC is equal to IOVDD or DVDDH, based on the I/O bank listed in the table.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
MCLK duty cycle
48%
52%
MCLK frequency
24
MHz
VD_IN pulse duration
2 × MCLK period
RESET low pulse duration (reset)
100
ns
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted); VDVDD = 1.8 V, VDVDDH = 3.3 V, and VIOVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARALLEL CMOS MODE (VIOVDD = 1.8 V)
tSU
Data setup time
Data valid to zero crossing of CLKOUT
18.4
ns
tH
Data hold time
Zero crossing of CLKOUT to data becoming invalid
21.1
ns
tFALL, tRISE
Data fall time, data rise time
Rise time measured from 30% to 70% of IOVDD
1.75
ns
tCLKRISE,
Output clock rise time,
Rise time measured from 30% to 70% of IOVDD
1.72
ns
tCLKFALL
output clock fall time
PARALLEL CMOS MODE (VIOVDD = 3.3 V)
tSU
Data setup time
Data valid to zero crossing of CLKOUT
18.3
ns
tH
Data hold time
Zero crossing of CLKOUT to data becoming invalid
21.4
ns
tFALL, tRISE
Data fall time, data rise time
Rise time measured from 30% to 70% of IOVDD
1.32
ns
tCLKRISE,
Output clock rise time,
Rise time measured from 30% to 70% of IOVDD
1.39
ns
tCLKFALL
output clock fall time
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPT8320


Similar Part No. - OPT8320NBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320NBP TI-OPT8320NBP Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320NBPL TI-OPT8320NBPL Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
More results

Similar Description - OPT8320NBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com