Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1145 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI1145
Description  Integrated infrared proximity detector
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1145 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI1145 Datasheet HTML 4Page - Silicon Laboratories SI1145 Datasheet HTML 5Page - Silicon Laboratories SI1145 Datasheet HTML 6Page - Silicon Laboratories SI1145 Datasheet HTML 7Page - Silicon Laboratories SI1145 Datasheet HTML 8Page - Silicon Laboratories SI1145 Datasheet HTML 9Page - Silicon Laboratories SI1145 Datasheet HTML 10Page - Silicon Laboratories SI1145 Datasheet HTML 11Page - Silicon Laboratories SI1145 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Si1145/46/47-M01
8
Rev. 1.0
Small Infrared Photodiode
Response
Sunlight
ALS_IR_ADC_GAIN = 0
IR_RANGE = 0
2.44
ADC
counts/
lux
2500K incandescent bulb
ALS_IR_ADC_GAIN = 0
IR_RANGE = 0
8.46
ADC
counts/
lux
“Cool white” fluorescent
ALS_IR_ADC_GAIN = 0
IR_RANGE = 0
0.71
ADC
counts/
lux
Infrared LED (875 nm)
ALS_IR_ADC_GAIN = 0
IR_RANGE = 0
452.38
ADC
counts.
m2/W
Large Infrared Photodi-
ode Response
Sunlight
PS_ADC_GAIN = 0
PS_RANGE = 0
PS_ADC_MODE = 0
14.07
ADC
counts/
lux
2500K incandescent bulb
PS_ADC_GAIN = 0
PS_RANGE = 0
PS_ADC_MODE = 0
50.47
ADC
counts/
lux
“Cool white” fluorescent
PS_ADC_GAIN = 0
PS_RANGE = 0
PS_ADC_MODE = 0
3.97
ADC
counts/
lux
Infrared LED (875 nm)
PS_ADC_GAIN = 0
PS_RANGE = 0
PS_ADC_MODE = 0
2734
ADC
counts.
m2/W
Visible Photodiode Noise
All gain settings
7
ADC
counts
RMS
Small Infrared Photodiode
Noise
All gain settings
1
ADC
counts
RMS
Table 2. Performance Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Unless specifically stated in "Conditions", electrical data assumes ambient light levels < 1 klx.
2. Proximity-detection performance may be degraded, especially when there is high optical crosstalk, if the LED supply
and voltage drop allow the driver to saturate and current regulation is lost.
3. Guaranteed by design and characterization.
4. Represents the time during which the device is drawing a current equal to Iactive for power estimation purposes.
Assumes default settings.


Similar Part No. - SI1145

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1145-M01 SILABS-SI1145-M01 Datasheet
1Mb / 70P
   High reflectance sensitivity
More results

Similar Description - SI1145

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com