Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si1147-M01-GMR Datasheet(PDF) 6 Page - Silicon Laboratories

Part # Si1147-M01-GMR
Description  Integrated infrared proximity detector
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1147-M01-GMR Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si1147-M01-GMR Datasheet HTML 2Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 3Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 4Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 5Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 6Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 7Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 8Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 9Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Si1145/46/47-M01
6
Rev. 1.0
Table 2. Performance Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
IDD OFF Mode
Ioff
VDD < VDD_OFF (leakage from SCL,
SDA, and INT not included)
240
1000
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
VDD = 1.8 V
150
500
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
VDD = 3.3 V
1.4
μA
IDD Actively Measuring
Iactive
Without LED influence, VDD = 3.3 V
4.3
5.5
mA
Peak IDD while LED1,
LED2, or LED3 is Actively
Driven
VDD = 3.3 V
8
mA
LED Driver Saturation
Voltage2,3
Vdd = 1.71 to 3.6 V
PS_LEDn = 0001
PS_LEDn = 0010
PS_LEDn = 0011
PS_LEDn = 0100
PS_LEDn = 0101
PS_LEDn = 0110
PS_LEDn = 0111
PS_LEDn = 1000
PS_LEDn = 1010
PS_LEDn = 1010
PS_LEDn = 1011
PS_LEDn = 1100
PS_LEDn = 1101
PS_LEDn = 1110
PS_LEDn = 1111
50
60
70
80
115
150
185
220
255
290
315
340
360
385
410
70
105
105
105
450
450
450
450
450
450
600
600
600
600
600
mV
LED1, LED2, LED3
Pulse Width
tPS
25.6
30
μs
LED1, LED2, LED3, INT,
SCL, SDA
Leakage Current
VDD = 3.3 V
–1
1
μA
Notes:
1. Unless specifically stated in "Conditions", electrical data assumes ambient light levels < 1 klx.
2. Proximity-detection performance may be degraded, especially when there is high optical crosstalk, if the LED supply
and voltage drop allow the driver to saturate and current regulation is lost.
3. Guaranteed by design and characterization.
4. Represents the time during which the device is drawing a current equal to Iactive for power estimation purposes.
Assumes default settings.


Similar Part No. - Si1147-M01-GMR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1140-DK SILABS-SI1140-DK Datasheet
230Kb / 12P
   DEVELOPMENT KIT USERS GUIDE
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Si1141-A10-GM SILABS-Si1141-A10-GM Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1141-A11-GMR SILABS-SI1141-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
More results

Similar Description - Si1147-M01-GMR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com