Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si1147-M01-GMR Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si1147-M01-GMR
Description  Integrated infrared proximity detector
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1147-M01-GMR Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si1147-M01-GMR Datasheet HTML 7Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 8Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 9Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 10Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 11Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 12Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 13Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 14Page - Silicon Laboratories Si1147-M01-GMR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Si1145/46/47-M01
Rev. 1.0
11
Table 5. Absolute Maximum Ratings*
Parameter
Test Condition
Min
Max
Unit
VDD Supply Voltage
–0.3
4
V
Operating Temperature
–40
85
°C
Storage Temperature
–65
85
°C
LED1, LED2, LED3 Voltage
at VDD = 0 V, TA < 85 °C
–0.5
3.6
V
LEDA Voltage
–0.5
4.3
V
INT, SCL, SDA Voltage
at VDD = 0 V, TA < 85 °C
–0.5
3.6
V
Maximum Total Current Through LED1, LED2,
LED3 and LEDA
500
mA
Maximum Total Current Through GND
600
mA
Forward DC Current Through LEDA
TA = 25 °C
70
mA
ESD Rating
Human Body Model
2
kV
Machine Model
225
V
Charged-Device Model
2
kV
*Note: Permanent device damage may occur if the absolute maximum ratings are exceeded.


Similar Part No. - Si1147-M01-GMR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1140-DK SILABS-SI1140-DK Datasheet
230Kb / 12P
   DEVELOPMENT KIT USERS GUIDE
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Si1141-A10-GM SILABS-Si1141-A10-GM Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1141-A11-GMR SILABS-SI1141-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
More results

Similar Description - Si1147-M01-GMR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com