Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATL431 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ATL431
Description  Low Iq Adjustable Precision Shunt Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATL431 Datasheet(HTML) 3 Page - Texas Instruments

  ATL431 Datasheet HTML 1Page - Texas Instruments ATL431 Datasheet HTML 2Page - Texas Instruments ATL431 Datasheet HTML 3Page - Texas Instruments ATL431 Datasheet HTML 4Page - Texas Instruments ATL431 Datasheet HTML 5Page - Texas Instruments ATL431 Datasheet HTML 6Page - Texas Instruments ATL431 Datasheet HTML 7Page - Texas Instruments ATL431 Datasheet HTML 8Page - Texas Instruments ATL431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
REF
1
CATHODE
2
3
ANODE
REF
1
CATHODE
2
3
ANODE
ATL431, ATL432
www.ti.com
SLVSCV5C – MARCH 2015 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
ATL431 DBZ Package
ATL432 DBZ Package
3-Pin SOT-23
3-Pin SOT-23
Top View
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
ATL431x
ATL432x
CATHODE
1
2
I/O
Shunt Current/Voltage input
REF
2
1
I
Threshold relative to common anode
ANODE
3
3
O
Common pin, normally connected to ground
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
40
V
IKA
Continuous cathode current
–100
150
mA
II(ref)
Reference input current
–0.05
10
mA
TJ
Operating virtual junction temperature
-40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VKA
Cathode voltage
Vref
36
V
IKA
Cathode current
.035
100
mA
"I" Grade
–40
85
TA
Operating free-air temperature
°C
"Q" Grade
–40
125
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ATL431 ATL432


Similar Part No. - ATL431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ATL431 TI1-ATL431 Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431AIDBZR TI1-ATL431AIDBZR Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431AQDBZR TI1-ATL431AQDBZR Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431BIDBZR TI1-ATL431BIDBZR Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431BQDBZR TI1-ATL431BQDBZR Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
More results

Similar Description - ATL431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ATL432B TI-ATL432B_15 Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431 TI-ATL431_15 Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431 TI1-ATL431_16 Datasheet
1Mb / 26P
[Old version datasheet]   ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com