Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA128-HT Datasheet(PDF) 3 Page - Texas Instruments

Part # INA128-HT
Description  Precision, Low-Power Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 3 Page - Texas Instruments

  INA128-HT_15 Datasheet HTML 1Page - Texas Instruments INA128-HT_15 Datasheet HTML 2Page - Texas Instruments INA128-HT_15 Datasheet HTML 3Page - Texas Instruments INA128-HT_15 Datasheet HTML 4Page - Texas Instruments INA128-HT_15 Datasheet HTML 5Page - Texas Instruments INA128-HT_15 Datasheet HTML 6Page - Texas Instruments INA128-HT_15 Datasheet HTML 7Page - Texas Instruments INA128-HT_15 Datasheet HTML 8Page - Texas Instruments INA128-HT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
a
b
c
d
Origin
8
5
4
1
HKQ as formed or HKJ mounted dead bug
R
G
V-
IN
V+
IN
V-
V+
V
O
Ref
R
G
R
V-
G
IN
V+
IN
V-
V+
V
O
Ref
1
2
3
4
8
7
6
5
R
G
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
6 Pin Configuration and Functions
D, HKJ, or JDJ Package
HKQ Package
8-Pin SOIC, CFP, or CDIP SB
8-Pin CFP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Ref
5
I
Output voltage reference
RG
1, 8
O
Gain resistor connection
V+
7
Power
Positive power supply voltage from 2.25 V to 18 V
V–
4
Power
Negative power supply voltage from –2.25 V to –18 V
V+IN
3
I
Non-inverting input voltage
V–IN
2
I
Inverting input voltage
VO
6
O
Output voltage
Bare Die Information
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils
Silicon with backgrind
GND
Al-Si-Cu (0.5%)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA128-HT INA129-HT


Similar Part No. - INA128-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
[Old version datasheet]   INA12x-HT Precision, Low-Power Instrumentation Amplifiers
More results

Similar Description - INA128-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
[Old version datasheet]   INA12x-HT Precision, Low-Power Instrumentation Amplifiers
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com