Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHD3-70B Datasheet(PDF) 1 Page - Kemet Corporation

Part # OHD3-70B
Description  High reliability for on/off operations
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

OHD3-70B Datasheet(HTML) 1 Page - Kemet Corporation

  OHD3-70B Datasheet HTML 1Page - Kemet Corporation OHD3-70B Datasheet HTML 2Page - Kemet Corporation OHD3-70B Datasheet HTML 3Page - Kemet Corporation OHD3-70B Datasheet HTML 4Page - Kemet Corporation OHD3-70B Datasheet HTML 5Page - Kemet Corporation OHD3-70B Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0202_OHD • 10/15/2015
One world. One KEMET
Benefits
• Extremely simple circuit design
• High reliability for on/off operations
• Compatibility with extremely low (0.1 mW or lower) signals
to high power (6 W) levels
• Compact, light and easy to handle
• Dust, explosion and corrosion-proof
• High-speed response
• Wide range of operating temperatures available in 5°C
increments from +30°C to +120°C
Overview
The OHD™ Series Thermal Guard is developed for thermal
problem countermeasures and safety standard conformity,
which are becoming increasingly important for electronic
devices in recent years.
Applications
Typical applications include atmospheric temperature detection
and overheating monitoring of power transistors, power modules,
room heaters, hot gas heaters, PPCs, amplifiers, motors, HDDs,
FDDs and other general appliances.
Sensors
OHD™ Series Thermal Guard
Ordering Information
OHD
1-
40
B
Series
Model Number
Operating Temperature (°C)
Contact Type
OHD
1
3
5R
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
B = Break
M = Make
(OHD1 and
OHD3 Series
only)


Similar Part No. - OHD3-70B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
OHD3-70B KEMET-OHD3-70B Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
OHD3-70B KEMET-OHD3-70B Datasheet
576Kb / 12P
   Thermal Sensors
11/2/2021
More results

Similar Description - OHD3-70B

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K18 MICROSS-AS5SP512K18 Datasheet
750Kb / 13P
   On chip address counter for Burst operations
logo
Marl International Limi...
676-501-2112 MARL-676-501-2112_15 Datasheet
421Kb / 4P
   Smoked lens for high on/ off contrast ratio
677-501-2112 MARL-677-501-2112_15 Datasheet
459Kb / 5P
   Smoked lens for high on/ off contrast ratio
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
   On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
   On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
   On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
   On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
   On off valve
4/13/22
197131 FESTO-197131 Datasheet
85Kb / 1P
   On off valve
4/1/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com