Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA217AIDWT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA217AIDWT
Description  Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA217AIDWT Datasheet(HTML) 4 Page - Texas Instruments

  INA217AIDWT Datasheet HTML 1Page - Texas Instruments INA217AIDWT Datasheet HTML 2Page - Texas Instruments INA217AIDWT Datasheet HTML 3Page - Texas Instruments INA217AIDWT Datasheet HTML 4Page - Texas Instruments INA217AIDWT Datasheet HTML 5Page - Texas Instruments INA217AIDWT Datasheet HTML 6Page - Texas Instruments INA217AIDWT Datasheet HTML 7Page - Texas Instruments INA217AIDWT Datasheet HTML 8Page - Texas Instruments INA217AIDWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NC
RG
2
NC
V+
NC
V
OUT
REF
NC
NC
RG
1
NC
V
IN
V
IN
+
NC
V–
NC
SOL-16
NC = No Internal Connection
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RG
2
V+
V
OUT
REF
RG
1
V
IN
V
IN
+
V–
DIP-8
8
7
6
5
1
2
3
4
INA217
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
www.ti.com
5 Pin Configuration and Functions
DW Package
P Package
16-Pin SOIC
8-Pin PDIP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
PDIP
NC
1
No internal connection
RG1
2
I
Gain setting pin, for gains greater than one, connect an external resistor between pins 2 and 15
NC
3
No internal connection
VIN–
4
I
Inverting input
VIN+
5
I
Non-inverting input
NC
6
No internal connection
V–
7
I
negative power supply
NC
8
No internal connection
NC
9
No internal connection
REF
10
I
Reference input
VOUT
11
O
Output
NC
12
No internal connection
V+
13
I
Positive power supply
NC
14
No internal connection
RG2
15
I
Gain setting pin, for gains greater than one, connect an external resistor between pins 2 and 15
NC
16
No internal connection
SOIC
RG1
1
I
Gain setting pin, for gains greater than one, connect an external resistor between pins 1 and 8
VIN–
2
I
Inverting input
VIN+
3
I
Non-inverting input
V–
4
I
negative power supply
REF
5
I
Reference input
VOUT
6
O
Output
V+
7
I
Positive power supply
RG2
8
I
Gain setting pin, for gains greater than one, connect an external resistor between pins 2 and 15
4
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: INA217


Similar Part No. - INA217AIDWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA217AIDWT TI-INA217AIDWT Datasheet
219Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217AIDWT TI-INA217AIDWT Datasheet
342Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217AIDWTE4 TI-INA217AIDWTE4 Datasheet
342Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
More results

Similar Description - INA217AIDWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA217 TI-INA217_07 Datasheet
342Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217 TI-INA217 Datasheet
219Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217 TI-INA217_15 Datasheet
912Kb / 25P
[Old version datasheet]   INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
[Old version datasheet]   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com