Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA333AIDGKTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA333AIDGKTG4
Description  Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333AIDGKTG4 Datasheet(HTML) 5 Page - Texas Instruments

  INA333AIDGKTG4 Datasheet HTML 1Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 2Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 3Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 4Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 5Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 6Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 7Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 8Page - Texas Instruments INA333AIDGKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
INA333
www.ti.com
SBOS445C – JULY 2008 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
for VS = 1.8 V to 5.5 V at TA = 25°C, RL = 10 kΩ, VREF = VS / 2, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT(1)
VOSI
Offset voltage, RTI(2)
±10 ±25/G
±25 ±75/G
μV
vs temperature
TA = –40°C to +125°C
±0.1 ±0.5 / G
μV/°C
PSR
vs power supply
1.8 V
≤ VS ≤ 5.5 V
±1 ±5/G
±5 ±15/G
μV/V
Long-term stability
See (3)
Turnon time to specified VOSI
TA = –40°C to +125°C
See Typical Characteristics
Impedance
ZIN
Differential
100 || 3
G
Ω || pF
ZIN
Common-mode
100 || 3
G
Ω || pF
VCM
Common-mode voltage range
VO = 0 V
(V–) + 0.1
(V+) – 0.1
V
Common-mode rejection
DC to 60 Hz
VCM = (V–) + 0.1 V
G = 1
80
90
dB
to (V+) – 0.1 V
VCM = (V–) + 0.1 V
G = 10
100
110
dB
CMR
to (V+) – 0.1 V
VCM = (V–) + 0.1 V
G = 100
100
115
dB
to (V+) – 0.1 V
VCM = (V–) + 0.1 V
G = 1000
100
115
dB
to (V+) – 0.1 V
INPUT BIAS CURRENT
Input bias current
±70
±200
pA
IB
vs temperature
TA = –40°C to +125°C
See Figure 26
pA/°C
Input offset current
±50
±200
pA
IOS
vs temperature
TA = –40°C to +125°C
See Figure 28
pA/°C
INPUT VOLTAGE NOISE
G = 100, RS = 0 Ω, f = 10 Hz
50
nV/
√Hz
G = 100, RS = 0 Ω, f = 100 Hz
50
nV/
√Hz
eNI
Input voltage noise
G = 100, RS = 0 Ω, f = 1 kHz
50
nV/
√Hz
G = 100, RS = 0 Ω, f = 0.1 Hz to 10 Hz
1
μVPP
f = 10 Hz
100
fA/
√Hz
iN
Input current noise
f = 0.1 Hz to 10 Hz
2
pAPP
GAIN
G
Gain equation
1 + (100 k
Ω/RG)
V/V
Range of gain
1
1000
V/V
VS = 5.5 V, (V–) + 100 mV
≤ VO ≤ (V+) – 100 mV
G = 1
±0.01%
±0.1%
Gain error
G = 10
±0.05%
±0.25%
G = 100
±0.07%
±0.25%
G = 1000
±0.25%
±0.5%
Gain vs temperature, G = 1
TA = –40°C to +125°C
±1
±5
ppm/°C
Gain vs temperature, G > 1(4)
TA = –40°C to +125°C
±15
±50
ppm/°C
VS = 5.5 V, (V–) + 100 mV
Gain nonlinearity
≤ VO ≤ (V+) – 100 mV
Gain nonlinearity, G = 1 to 1000
RL = 10 kΩ
10
ppm
OUTPUT
Output voltage swing from rail
VS = 5.5 V, RL = 10 kΩ
See Figure 29
50
mV
Capacitive load drive
500
pF
ISC
Short-circuit current
Continuous to common
–40, +5
mA
(1)
Total VOS, referred-to-input = (VOSI) + (VOSO / G)
(2)
RTI = Referred-to-input
(3)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1
μV
(4)
Does not include effects of external resistor RG
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA333


Similar Part No. - INA333AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333AIDGKTG4 TI-INA333AIDGKTG4 Datasheet
875Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDGKTG4 TI-INA333AIDGKTG4 Datasheet
762Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDGKTG4 TI1-INA333AIDGKTG4 Datasheet
860Kb / 26P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
More results

Similar Description - INA333AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
[Old version datasheet]   Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
[Old version datasheet]   Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI-INA188_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
[Old version datasheet]   Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
[Old version datasheet]   Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com