Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA333SJD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA333SJD
Description  Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333SJD Datasheet(HTML) 4 Page - Texas Instruments

  INA333SJD Datasheet HTML 1Page - Texas Instruments INA333SJD Datasheet HTML 2Page - Texas Instruments INA333SJD Datasheet HTML 3Page - Texas Instruments INA333SJD Datasheet HTML 4Page - Texas Instruments INA333SJD Datasheet HTML 5Page - Texas Instruments INA333SJD Datasheet HTML 6Page - Texas Instruments INA333SJD Datasheet HTML 7Page - Texas Instruments INA333SJD Datasheet HTML 8Page - Texas Instruments INA333SJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
INA333-HT
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
www.ti.com
Table 1. Bond Pad Coordinates in Microns(1)
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
RG
1
250
1604.8
326
1680.8
VIN-
2
21.2
1300
97.2
1376
VIN+
3
21.2
978.5
97.2
1054.5
NC
4
21.2
748.65
97.2
824.65
V-
5
31.3
300
107.3
376
REF
6
1072.15
21.2
1148.15
97.2
VOUT
7
1299.8
216.2
1375.8
292.2
V+
8
1289.7
700
1365.7
776
RG
9
1071
1604.8
1147
1680.8
(1)
Substrate is N/C
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA333-HT


Similar Part No. - INA333SJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333SJD TI-INA333SJD Datasheet
575Kb / 24P
[Old version datasheet]   Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
More results

Similar Description - INA333SJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333_1 Datasheet
652Kb / 23P
[Old version datasheet]   Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
[Old version datasheet]   Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
[Old version datasheet]   Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
[Old version datasheet]   Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_15 Datasheet
827Kb / 27P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333 Datasheet
651Kb / 23P
[Old version datasheet]   Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_3 Datasheet
762Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com