Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA827 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA827
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA827 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA827_13 Datasheet HTML 5Page - Texas Instruments INA827_13 Datasheet HTML 6Page - Texas Instruments INA827_13 Datasheet HTML 7Page - Texas Instruments INA827_13 Datasheet HTML 8Page - Texas Instruments INA827_13 Datasheet HTML 9Page - Texas Instruments INA827_13 Datasheet HTML 10Page - Texas Instruments INA827_13 Datasheet HTML 11Page - Texas Instruments INA827_13 Datasheet HTML 12Page - Texas Instruments INA827_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Time (1 s/div)
G026
Time (1 s/div)
G027
0
100
200
300
400
500
1
10
100
1k
10k
Frequency (Hz)
G024
Time (1 s/div)
G025
−30
−20
−10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
10M
Frequency (Hz)
G = 5
G = 10
G = 100
G = 1000
G022
1
10
100
1k
10k
100m
1
10
100
1k
10k
100k
Frequency (Hz)
G = 5
G = 10
G = 100
G = 1000
G023
INA827
www.ti.com
SBOS631A – JUNE 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 5, unless otherwise noted.
VOLTAGE NOISE SPECTRAL DENSITY
GAIN vs FREQUENCY
vs FREQUENCY (RTI)
Figure 19.
Figure 20.
CURRENT NOISE SPECTRAL DENSITY
vs FREQUENCY (RTI)
0.1-Hz TO 10-Hz RTI VOLTAGE NOISE (G = 5)
Figure 21.
Figure 22.
0.1-Hz TO 10-Hz RTI VOLTAGE NOISE (G = 1000)
0.1-Hz TO 10-Hz RTI CURRENT NOISE
Figure 23.
Figure 24.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA827


Similar Part No. - INA827_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA827 TI-INA827_15 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results

Similar Description - INA827_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com