Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA826AIDRGT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA826AIDRGT
Description  Supply Instrumentation Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826AIDRGT Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA826AIDRGT Datasheet HTML 5Page - Texas Instruments INA826AIDRGT Datasheet HTML 6Page - Texas Instruments INA826AIDRGT Datasheet HTML 7Page - Texas Instruments INA826AIDRGT Datasheet HTML 8Page - Texas Instruments INA826AIDRGT Datasheet HTML 9Page - Texas Instruments INA826AIDRGT Datasheet HTML 10Page - Texas Instruments INA826AIDRGT Datasheet HTML 11Page - Texas Instruments INA826AIDRGT Datasheet HTML 12Page - Texas Instruments INA826AIDRGT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
−40−35−30−25−20−15−10 −5 0
5 10 15 20 25 30 35 40
−12m
−9m
−6m
−3m
0
3m
6m
9m
12m
−16
−12
−8
−4
0
4
8
12
16
Input Voltage (V)
IIN
VOUT
RS = 0 Ω
G065
−40−35−30−25−20−15−10 −5 0
5 10 15 20 25 30 35 40
−8m
−6m
−4m
−2m
0
2m
4m
6m
8m
−16
−12
−8
−4
0
4
8
12
16
Input Voltage (V)
IIN
VOUT
RS = 10k Ω
G064
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−16−14−12−10 −8 −6 −4 −2 0
2
4
6
8 10 12 14 16
Output Voltage (V)
VS= ±15 V
VS= ±12 V
G = 1, VREF= 0 V
G040
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−16−14−12−10 −8 −6 −4 −2 0
2
4
6
8 10 12 14 16
Output Voltage (V)
VS= ±15 V
VS= ±12 V
G = 100, VREF= 0 V
G040
−4
−3
−2
−1
0
1
2
3
−4
−3
−2
−1
0
1
2
3
4
Output Voltage (V)
G = 1
G = 100
VS = ±3.3 V
VREF= 0 V
G039
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
Output Voltage (V)
G = 1
G = 100
VS = ±5 V
VREF= 0 V
G038
INA826
www.ti.com
SBOS562E – AUGUST 2011 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Dual Supply, VS = ±3.3 V)
(Dual Supply, VS = ±5 V)
Figure 13.
Figure 14.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Dual Supply, VS = ±15 V, ±12 V, G = 1)
(Dual Supply, VS = ±15 V, ±12 V, G = 100)
Figure 15.
Figure 16.
INPUT OVERVOLTAGE vs INPUT CURRENT
INPUT OVERVOLTAGE vs INPUT CURRENT
WITH 10-k
Ω RESISTANCE
(G = 1, VS = ±15 V)
(G = 1, VS = ±15 V)
Figure 17.
Figure 18.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA826


Similar Part No. - INA826AIDRGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826AIDRGT TI1-INA826AIDRGT Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826AIDRGT TI1-INA826AIDRGT Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
More results

Similar Description - INA826AIDRGT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com