Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM285LPE3-1-2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM285LPE3-1-2
Description  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM285LPE3-1-2 Datasheet(HTML) 3 Page - Texas Instruments

  LM285LPE3-1-2 Datasheet HTML 1Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 2Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 3Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 4Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 5Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 6Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 7Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 8Page - Texas Instruments LM285LPE3-1-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM285-1.2, LM385-1.2, LM385B-1.2
www.ti.com
SLVS075J – APRIL 1989 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
LP
D, PS or PW
ANODE
1
4
I
Shunt Current/Voltage input
CATHODE
2
8
O
Common pin, normally connected to ground
NC
3
1, 2, 3, 5, 6, 7
No internal connection
Copyright © 1989–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM285-1.2 LM385-1.2 LM385B-1.2


Similar Part No. - LM285LPE3-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285LPE3-1-2 TI1-LM285LPE3-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Similar Description - LM285LPE3-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com