Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2041AIDDCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF2041AIDDCR
Description  Voltage References
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2041AIDDCR Datasheet(HTML) 3 Page - Texas Instruments

  REF2041AIDDCR Datasheet HTML 1Page - Texas Instruments REF2041AIDDCR Datasheet HTML 2Page - Texas Instruments REF2041AIDDCR Datasheet HTML 3Page - Texas Instruments REF2041AIDDCR Datasheet HTML 4Page - Texas Instruments REF2041AIDDCR Datasheet HTML 5Page - Texas Instruments REF2041AIDDCR Datasheet HTML 6Page - Texas Instruments REF2041AIDDCR Datasheet HTML 7Page - Texas Instruments REF2041AIDDCR Datasheet HTML 8Page - Texas Instruments REF2041AIDDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
3
5
4
2
GND
VBIAS
VIN
EN
VREF
REF2025, REF2030, REF2033, REF2041
www.ti.com
SBOS600B – MAY 2014 – REVISED JULY 2014
5 Device Comparison Table
PRODUCT
VREF
VBIAS
REF2025
2.5 V
1.25 V
REF2030
3.0 V
1.5 V
REF2033
3.3 V
1.65 V
REF2041
4.096 V
2.048 V
6 Pin Configuration and Functions
DDC Package
SOT23-5
(Top View)
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
VBIAS
Bias voltage output (VREF / 2)
2
GND
Ground
3
EN
Enable (EN
≥ VIN – 0.7 V, device enabled)
4
VIN
Input supply voltage
5
VREF
Reference voltage output (VREF)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: REF2025 REF2030 REF2033 REF2041


Similar Part No. - REF2041AIDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF2041AIDDCR TI1-REF2041AIDDCR Datasheet
2Mb / 33P
[Old version datasheet]   Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
More results

Similar Description - REF2041AIDDCR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Linear Technology
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
STMicroelectronics
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
   2.5V VOLTAGE REFERENCES
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
   2.5V voltage references
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
Texas Instruments
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com