Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3318AIDBZTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF3318AIDBZTG4
Description  Drift Voltage Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318AIDBZTG4 Datasheet(HTML) 5 Page - Texas Instruments

  REF3318AIDBZTG4 Datasheet HTML 1Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 2Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 3Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 4Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 5Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 6Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 7Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 8Page - Texas Instruments REF3318AIDBZTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
www.ti.com
SBOS392E – AUGUST 2007 – REVISED OCTOBER 2014
7.5 Electrical Characteristics
At TA = 25°C, VIN = 5 V, and ILOAD = 0 mA (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REF3312 (1.25 V)
VOUT
Output voltage
1.25
V
Initial accuracy
–0.15%
0.15%
Output voltage noise
f = 0.1 Hz to 10 Hz
35
μVPP
REF3318 (1.8 V)
VOUT
Output voltage
1.8
V
Initial accuracy
–0.15%
0.15%
Output voltage noise
f = 0.1 Hz to 10 Hz
50
μVPP
REF3320 (2.048 V)
VOUT
Output voltage
2.048
V
Initial accuracy
–0.15%
0.15%
Output voltage noise
f = 0.1 Hz to 10 Hz
55
μVPP
REF3325 (2.5 V)
VOUT
Output voltage
2.5
V
Initial accuracy
–0.15%
0.15%
Output voltage noise
f = 0.1 Hz to 10 Hz
70
μVPP
REF3330 (3.0 V)
VOUT
Output voltage
3.0
V
Initial accuracy
–0.15%
0.15%
Output voltage noise
f = 0.1 Hz to 10 Hz
84
μVPP
REF3333 (3.3 V)
VOUT
Output voltage
3.3
V
Initial accuracy
–0.15%
0.15%
Output voltage noise
f = 0.1 Hz to 10 Hz
92
μVPP
REF33xx (REF3312, REF3318, REF3320, REF3325, REF3330, REF3333)
–40°C to 85°C
9
30
ppm/°C
dVOUT/dT
Output voltage temperature drift
–40°C to 125°C
8
30
ppm/°C
VIN = VOUT + 200 mV to 5.5 V
(1)
–50
6
50
ppm/V
0°C to +70°C
6
ppm/V
ΔVO(ΔVI)
Line regulation
–40°C to 85°C
8
ppm/V
–40°C to 125°C
30
ppm/V
VIN = VOUT + 200 mV
(1)
–50
6
50
ppm/mA
ILOAD = ±5 mA, 0°C to 70°C
10
ppm/mA
ΔVO(ΔIL)
Load regulation
–40°C to 85°C
20
ppm/mA
–40°C to 125°C
20
ppm/mA
dT
Thermal hysteresis(2)
90
ppm
ILOAD = ±5 mA
110
160
mV
0°C to 70°C
120
mV
VIN – VOUT
Minimum dropout voltage(1)
–40°C to 85°C
135
mV
–40°C to 125°C
180
mV
ILOAD = ±2 mA, –40°C to 85°C
70
mV
ISC
Short-circuit current
Sourcing and sinking
35
mA
Capacitive load
0.1
10
μF
Turn-on settling time
To 0.1% with CL = 1 μF
2
ms
(1)
The minimum supply voltage for the REF3312 is 1.8 V.
(2)
The thermal hysteresis procedure is explained in more detail in the Thermal Hysteresis section.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333


Similar Part No. - REF3318AIDBZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3318AIDBZTG4 TI-REF3318AIDBZTG4 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3318AIDBZTG4 TI1-REF3318AIDBZTG4 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3318AIDBZTG4 TI1-REF3318AIDBZTG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
More results

Similar Description - REF3318AIDBZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3325-DIE TI1-REF3325-DIE Datasheet
59Kb / 4P
[Old version datasheet]   DRIFT VOLTAGE REFERENCE
logo
ON Semiconductor
REF3012 ONSEMI-REF3012 Datasheet
260Kb / 8P
   High Precision Low Drift CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
ON Semiconductor
REF3025TB-GT3 ONSEMI-REF3025TB-GT3 Datasheet
260Kb / 8P
   High Precision, Low Drift, CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
logo
Analog Devices
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
   Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
logo
Texas Instruments
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010 Datasheet
614Kb / 20P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com