Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4120IM5-1.8 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4120IM5-1.8
Description  Precision Micropower Low Dropout Voltage Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4120IM5-1.8 Datasheet(HTML) 3 Page - Texas Instruments

  LM4120IM5-1.8 Datasheet HTML 1Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 2Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 3Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 4Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 5Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 6Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 7Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 8Page - Texas Instruments LM4120IM5-1.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM4120
www.ti.com
SNVS049D – FEBRUARY 2000 – REVISED JULY 2015
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Enable
3
I
Pulled to input for normal operation. Forcing this pin to ground will turn off the output.
GND
2
Negative supply or ground connection
REF
1
REF pin. This pin must be left unconnected.
VIN
4
I
Positive supply
VOUT
5
O
Reference output
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Maximum voltage on input or enable pins
–0.3
14
V
Output short-circuit duraion
Indefinite
Power dissipation (TA = 25°C)
(2)
350
mW
Soldering, (10 sec.)
260
°C
Lead temperature
Vapor Phase (60 sec.)
215
°C
Infrared (15 sec.)
220
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Without PCB copper enhancements. The maximum power dissipation must be derated at elevated temperatures and is limited by TJMAX
(maximum junction temperature), RθJA (junction-to-ambient thermal resistance) and TA (ambient temperature). The maximum power
dissipation at any temperature is: PDissMAX = (TJMAX – TA) / RθJA up to the value listed in the Absolute Maximum Ratings.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Charged device model (CDM), per JEDEC specification JESD22-
V(ESD)
Electrostatic discharge
±750
V
C101(2)
Machine Model
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4120


Similar Part No. - LM4120IM5-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120IM5-1.8 NSC-LM4120IM5-1.8 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4120IM5-1.8 NSC-LM4120IM5-1.8 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4120IM5-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com