Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3030AIDBZRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF3030AIDBZRG4
Description  CMOS Voltage Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3030AIDBZRG4 Datasheet(HTML) 5 Page - Texas Instruments

  REF3030AIDBZRG4 Datasheet HTML 1Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 2Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 3Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 4Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 5Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 6Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 7Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 8Page - Texas Instruments REF3030AIDBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
www.ti.com
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
7.5 Electrical Characteristics
at TA = 25°C, VIN = 5 V, and ILOAD = 0 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REF3012 (1.25 V)(1)
VOUT
Output voltage
1.2475
1.25
1.2525
V
Initial accuracy
0.2%
f = 0.1 Hz to 10 Hz
14
μVPP
Output voltage noise
f = 10 Hz to 10 kHz
42
µVrms
Line regulation
1.8 V
≤ VIN ≤ 5.5 V
60
190
µV/V
REF3020 (2.048 V)
VOUT
Output voltage
2.044
2.048
2.052
V
Initial accuracy
0.2%
f = 0.1 Hz to 10 Hz
23
μVPP
Output voltage noise
f = 10 Hz to 10 kHz
65
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
110
290
µV/V
REF3025 (2.5 V)
VOUT
Output voltage
2.495
2.50
2.505
V
Initial accuracy
0.2%
f = 0.1 Hz to 10 Hz
28
μVPP
Output voltage noise
f = 10 Hz to 10 kHz
80
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
120
325
µV/V
REF3030 (3.0 V)
VOUT
Output voltage
2.994
3.0
3.006
V
Initial accuracy
0.2%
f = 0.1 Hz to 10 Hz
33
μVPP
Output voltage noise
f = 10 Hz to 10 kHz
94
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
120
375
µV/V
REF3033 (3.3 V)
VOUT
Output voltage
3.294
3.30
3.306
V
Initial accuracy
0.2%
f = 0.1 Hz to 10 Hz
36
μVPP
Output voltage noise
f = 10 Hz to 10 kHz
105
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
130
400
µV/V
REF3040 (4.096 V)
VOUT
Output voltage
4.088
4.096
4.104
V
Initial accuracy
0.2%
f = 0.1 Hz to 10 Hz
45
μVPP
Output voltage noise
f = 10 Hz to 10 kHz
128
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
160
410
µV/V
(1)
The minimum supply voltage for the REF3012 is 1.8 V.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040


Similar Part No. - REF3030AIDBZRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3030AIDBZRG4 BURR-BROWN-REF3030AIDBZRG4 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results

Similar Description - REF3030AIDBZRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
REF3025TB-GT3 ONSEMI-REF3025TB-GT3 Datasheet
260Kb / 8P
   High Precision, Low Drift, CMOS Voltage Reference
April, 2011 ??Rev. 0
REF3012 ONSEMI-REF3012 Datasheet
260Kb / 8P
   High Precision Low Drift CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
Silicon Supplies
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
   Voltage Reference
Rev 1.2 02/11/21
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
   Voltage Reference
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040A-4.1 SS-LM4040A-4.1_V02 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.3 28/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com