Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC-17L2 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # PC-17L2
Description  Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PC-17L2 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  PC-17L2 Datasheet HTML 1Page - KODENSHI_AUK CORP. PC-17L2 Datasheet HTML 2Page - KODENSHI_AUK CORP. PC-17L2 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photocoupler
PC-17L1 • PC-17L2 • PC-17L4
3/3
Ambient Temperature Ta
(℃ )
Forward Current vs.
Ambient Temperature
0
-20
0
20
10
20
40
30
50
Collector Current vs.
Forward Current
40
60
100
0.1
1
0.1
1
100
10
0.1
0.1
Load Resistance RL
(㏀)
Response Time vs.
Load Resistance
10
100
80
Ambient Temperature Ta (℃ )
0
0.001
0.01
40
20
0.1
1
80
60
Dark Current vs.
Ambient Temperature
Collector Power Dissipation vs.
Ambient Temperature
-20
0
50
100
150
200
250
Ambient Temperature Ta
(℃ )
20
0
60
40
100
80
100
0.001
0.01
10
Forward Current vs.
Forward Voltage
0
80
1.6
1.2
0.8
0.4
Forward Voltage VF (V)
20
40
60
100
0
40
20
80
60
Ambient Temperature Ta (℃ )
Collector Current vs.
Ambient Temperature
10
0
1
100
Output
Input
Test Circuit
VIN
R
RL
VO
VCC
Waveform
10%
90%
Switching Time Test Circuit
tr
tf
1
500
-20
Ta=70℃
Ta=25℃
Ta=-55℃
IF=20mA
IF=10mA
IF=5mA
IF=1mA
Ta=25℃
VCE =5V
tr
tf
VCE=5V
IC=2mA
Ta=25℃
Collector Current vs.
Collector-Emitter Voltage
0
10
20
30
40
10
8
6
4
2
Collector-Emitter voltage VCE (V)
Ta=25℃
PC(MAX.)
IF=1mA
IF=5mA
IF=10mA
I F=20mA
I F=30mA
VCE =24V
1.0
2.0
Forward Current IF (mA)


Similar Part No. - PC-17L2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17K1C KODENSHI-PC-17K1C Datasheet
218Kb / 3P
   Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
PC-17K2 KODENSHI-PC-17K2 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17K4 KODENSHI-PC-17K4 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17T1 KODENSHI-PC-17T1 Datasheet
568Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - PC-17L2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N27 KODENSHI-K4N27 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N38 KODENSHI-K4N38 Datasheet
191Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K3610 KODENSHI-K3610 Datasheet
193Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K101 KODENSHI-K101 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com