Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL4SL-3P3232 Datasheet(PDF) 3 Page - SICK AG

Part # WL4SL-3P3232
Description  Photoelectric retro-reflective sensor autocollimation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL4SL-3P3232 Datasheet(HTML) 3 Page - SICK AG

  WL4SL-3P3232 Datasheet HTML 1Page - SICK AG WL4SL-3P3232 Datasheet HTML 2Page - SICK AG WL4SL-3P3232 Datasheet HTML 3Page - SICK AG WL4SL-3P3232 Datasheet HTML 4Page - SICK AG WL4SL-3P3232 Datasheet HTML 5Page - SICK AG WL4SL-3P3232 Datasheet HTML 6Page - SICK AG WL4SL-3P3232 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/4/2016 1:47:06 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) 5) Q = light switching 6) Signal
transit time with resistive load 7) With light/dark ratio 1:1 8) Do not bend below 0 °C 9) A = VS connections reverse-polarity protected 10) B = inputs and output
reverse-polarity protected 11) C = interference suppression 12) As of Ta = 50 °C, a max. supply voltage Vmax. = 24 V and a max. load current Imax. = 50 mA is
permitted 13) Using the sensor below Ta = -10 °C is possible, if the sensor is turned on at Ta > -10 °C, then the environment cools down and the sensor is not
disconnected from the supply voltage during the whole time. It is not allowed to turn on the sensor below Ta = -10 °C
Power consumption:
≤ 30 mA 3)
Output type:
PNP 4)
Output function:
Complementary
Switching mode:
Light/dark switching 5)
Output current Imax.:
≤ 100 mA
Response time:
≤ 0.5 ms 6)
Switching frequency:
1,000 Hz 7)
Connection type:
Cable with connector M8, 4-pin, 120 mm 8)
Cable material:
PVC
Conductor cross-section:
0.14 mm²
Circuit protection:::
A, B, C 9) 10) 11)
Protection class:
III
Weight:
100 g
Polarisation filter:
ü
IO-Link:
-
Optics material:
PMMA
Enclosure rating:
IP 66
IP 67
Ambient operating temperature:
-10 °C ... +50 °C
Ambient storage temperature:
-30 °C ... +70 °C
Ambient operating temperature extended::
-30 °C ... +55 °C 12) 13)
Housing material:
Plastic, Bayblend


Similar Part No. - WL4SL-3P3232

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL4SL-3P2232 SICK-WL4SL-3P2232 Datasheet
890Kb / 7P
   Photoelectric retro-reflective sensor autocollimation
More results

Similar Description - WL4SL-3P3232

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL9L-3P2432S02 SICK-WL9L-3P2432S02 Datasheet
929Kb / 8P
   Photoelectric retro-reflective sensor, autocollimation
WL9M4L-3P2232 SICK-WL9M4L-3P2232 Datasheet
884Kb / 8P
   Photoelectric retro-reflective sensor, autocollimation
WL18-3N130 SICK-WL18-3N130 Datasheet
732Kb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL12-3N1141 SICK-WL12-3N1141 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor,autocollimation
WL18-3P680 SICK-WL18-3P680 Datasheet
766Kb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL12-3N2451 SICK-WL12-3N2451 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL12-3P1131 SICK-WL12-3P1131 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL18-3N230 SICK-WL18-3N230 Datasheet
732Kb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL18-3P430S09 SICK-WL18-3P430S09 Datasheet
758Kb / 7P
   Photoelectric retro-reflective sensor autocollimation
WL4SL-3F3234 SICK-WL4SL-3F3234 Datasheet
897Kb / 7P
   Photoelectric retro-reflective sensor autocollimation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com