Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLG4-3E2132 Datasheet(PDF) 3 Page - SICK AG

Part # WLG4-3E2132
Description  Photoelectric retro-reflective sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4-3E2132 Datasheet(HTML) 3 Page - SICK AG

  WLG4-3E2132 Datasheet HTML 1Page - SICK AG WLG4-3E2132 Datasheet HTML 2Page - SICK AG WLG4-3E2132 Datasheet HTML 3Page - SICK AG WLG4-3E2132 Datasheet HTML 4Page - SICK AG WLG4-3E2132 Datasheet HTML 5Page - SICK AG WLG4-3E2132 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/4/2016 1:35:05 AM
1) Limit values 2) 3) May not exceed or fall short of VS tolerances 4) Without load 5) Signal transit time with resistive load 6) With light/dark ratio 1:1 7) A = VS
connections reverse-polarity protected 8) C = interference suppression 9) D = outputs overcurrent and short-circuit protected
Output current Imax.:
≤ 100 mA
Response time:
< 0.5 ms 5)
Switching frequency:
1,000 Hz 6)
Angle of reception:
Ca. 30 °
Attenuation along light beam:
> 8 %
Connection type:
Connector M8, 3-pin
Circuit protection:::
A, C, D 7) 8) 9)
Protection class:
III
Weight:
30 g
Polarisation filter:
ü
Optics material:
PMMA
Enclosure rating:
IP 67
IP 66
Special feature:
Detecting transparent objects
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
Housing material:
ABS, Plastic
Dimensional drawing


Similar Part No. - WLG4-3E2132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4-3E1134 SICK-WLG4-3E1134 Datasheet
778Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3E1184 SICK-WLG4-3E1184 Datasheet
785Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3E1332 SICK-WLG4-3E1332 Datasheet
772Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3E1382 SICK-WLG4-3E1382 Datasheet
780Kb / 6P
   Photoelectric retro-reflective sensor
More results

Similar Description - WLG4-3E2132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com