Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKIH-3352-102J Datasheet(PDF) 1 Page - Schurter Inc.

Part # DKIH-3352-102J
Description  Compensated High Current Choke, 3-phase
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKIH-3352-102J Datasheet(HTML) 1 Page - Schurter Inc.

  DKIH-3352-102J Datasheet HTML 1Page - Schurter Inc. DKIH-3352-102J Datasheet HTML 2Page - Schurter Inc. DKIH-3352-102J Datasheet HTML 3Page - Schurter Inc. DKIH-3352-102J Datasheet HTML 4Page - Schurter Inc. DKIH-3352-102J Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Suppression Chokes
DKIH-3
www.schurter.com/PG81_82
EMC Products
Compensated High Current Choke, 3-phase
Description
- Current compensated choke
- 3-phase choke
- THT-terminals
- Flange for mounting onto printed circuit board
Unique Selling Proposition
- Compact size and light weight
- Open design for optimal cooling
- Wide temperature range
- Customer specific pin outs available
Standards
- EN 60938
Applications
- Frequency converter
- Charge stations
- UPS-systems
- Switching power supplies
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product
Technical Data
Rated voltage
max 600 VAC
Rated Current
10 - 50 A @ Ta 40 °C
Rated inductance
0.08 - 1.1 mH, Tol. -30% +50%
Power Operating Frequency
0 - 400 Hz
Terminal Type
THT
Weight
90 - 160 g
Material: Housing
UL 94V-0
Test Voltage
3740 VDC, 2 sec, winding to winding
Climatic Category
40/100/21 acc. to IEC 60068-1
Allowable Operation Temp.
-40 °C to 100 °C
Dimension
52-12
max. 53
max. 31
(6x) terminal ø1.5 heigh 5
Label
1
5
16.6
7.4
6
5
4
3
2
1
6
0
3.2
4.4
21.6


Similar Part No. - DKIH-3352-102J

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIH-3352-102J SCHURTER-DKIH-3352-102J Datasheet
600Kb / 5P
   Compensated High Current Choke, 3-phase
More results

Similar Description - DKIH-3352-102J

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIL-3 SCHURTER-DKIL-3 Datasheet
376Kb / 2P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3 Datasheet
353Kb / 2P
   Compensated High Current Choke, 3-phase
DKIH-3 SCHURTER-DKIH-3 Datasheet
600Kb / 5P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3_V01 Datasheet
305Kb / 3P
   Compensated High Current Choke, 3-phase
DKIH-3 SCHURTER-DKIH-3_V01 Datasheet
652Kb / 6P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3_17 Datasheet
294Kb / 3P
   Compensated High Current Choke, 3-phase
DKIL-3 SCHURTER-DKIL-3_17 Datasheet
252Kb / 2P
   Compensated High Current Choke, 3-phase
DKIL-3 SCHURTER-DKIL-3_V01 Datasheet
263Kb / 2P
   Compensated High Current Choke, 3-phase
DKIP-1 SCHURTER-DKIP-1_17 Datasheet
295Kb / 3P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1_V01 Datasheet
306Kb / 3P
   Compensated High Current Choke, 1-phase
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com