Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2630.01 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 5500.2630.01
Description  AC Filter, High Symmetrical Attenuation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2630.01 Datasheet(HTML) 5 Page - Schurter Inc.

  5500.2630.01 Datasheet HTML 1Page - Schurter Inc. 5500.2630.01 Datasheet HTML 2Page - Schurter Inc. 5500.2630.01 Datasheet HTML 3Page - Schurter Inc. 5500.2630.01 Datasheet HTML 4Page - Schurter Inc. 5500.2630.01 Datasheet HTML 5Page - Schurter Inc. 5500.2630.01 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
1-Phase AC Filters / DC Filters
FMAB NEO
www.schurter.com/PG84
EMC Products
Attenuation Loss
. . . . . 0.1/100
Ω differential mode ........... 100/0.1Ω differential mode - - - - 50Ω differential mode _____ 50Ω common mode
Standard version
1 A
3 A
4 A
6 A
8 A
10 A
12 A
16 A
20 A
30 A
Medical version (M5)
1 A
3 A
4 A
6 A
8 A
10 A
12 A
16 A
20 A
30 A


Similar Part No. - 5500.2630.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2635.01 SCHURTER-5500.2635.01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
More results

Similar Description - 5500.2630.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
   AC / DC Filter, High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
   AC Filter, Broad Band Attenuation
FMAB SCHURTER-FMAB Datasheet
410Kb / 2P
   AC Filter, Broad Band Attenuation
FSS SCHURTER-FSS_V01 Datasheet
444Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical Attenuationl
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com