Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMF Datasheet(PDF) 1 Page - Schurter Inc.

Part # KMF
Description  IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KMF Datasheet(HTML) 1 Page - Schurter Inc.

  KMF Datasheet HTML 1Page - Schurter Inc. KMF Datasheet HTML 2Page - Schurter Inc. KMF Datasheet HTML 3Page - Schurter Inc. KMF Datasheet HTML 4Page - Schurter Inc. KMF Datasheet HTML 5Page - Schurter Inc. KMF Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power Entry Modules with Line Filter
KMF
www.schurter.com/PG06
EMC Products
IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
Protection class I with shield
Order required accessories separately
Protection class II without shield
Plug removal necessary for fuse
replacement
C14
70° C
C18
70° C
Description
- Panel Mount:
Snap-in version from front side
- 4 Functions:
Appliance Inlet protection class I or II, Line Switch 2-pole, Fuseholder
for fuse-links 5 x 20 mm 1- or 2-pole, Line filter in standard and medi-
cal version
- Quick connect terminals 4.8 x 0.8 mm
Unique Selling Proposition
- Most compact solution on the market
- Innovative EMC-shielding
- Easy and flexible snap-in mounting
- Protection class I or II versions
Approvals
- VDE Certificate Number: 40035743
- UL File Number: E72928
- CCC File Number: 2009010204326571
Characteristics
- Ultra-compact design. Small dimensions in front of and behind the pa-
nel
- All single elements are already wired
- For added safety "Extra-Safe" fuse drawers are available
- Innovative EMC-shielding with flexible steel segments for an excellent
contact
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
Other versions on request
- Fuse drawer 1-pole, plus spare fuse case
- Fuse drawer 2-pole, with shorting bar
- Other rocker marking
References
Alternative: version without line filter KM
Alternative: version for screw mounting DD12
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating
Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock-
Check, CAD-Drawings, Accessories, Wire Harnessing, Detailed request
for product
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Degree of Protection
from front side IP 40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Terminal
Quick connect terminals 4.8 x 0.8 mm
Panel Thickness s
Snap-in: 1/1.5/2/2.5 mm
(all steps with one variant)
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance-Inlet/-Outlet
C14 C18 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I or II
Fuseholder
1 or 2 pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 2 W (1 pole)/ 1.4 W (2-pole) per
pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Line Switch
2-pole, non-illuminated, acc. to IEC
61058-1
Technical Details
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 1'800'000 h acc. to MIL-HB-217 F


Similar Part No. - KMF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KMF SCHURTER-KMF Datasheet
686Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF SCHURTER-KMF Datasheet
696Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
KMF0.2113.11 SCHURTER-KMF0.2113.11 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF0.2123.11 SCHURTER-KMF0.2123.11 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF0.2143.11 SCHURTER-KMF0.2143.11 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
More results

Similar Description - KMF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KMF SCHURTER-KMF_16 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF SCHURTER-KMF_18 Datasheet
686Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF SCHURTER-KMF_V01 Datasheet
696Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD12 SCHURTER-DD12_V01 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12_18 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD11 SCHURTER-DD11 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
KM00120511 SCHURTER-KM00120511 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
DD11 SCHURTER-DD11_V01 Datasheet
480Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com