Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241.7236.1114000 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 1241.7236.1114000
Description  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.7236.1114000 Datasheet(HTML) 5 Page - Schurter Inc.

  1241.7236.1114000 Datasheet HTML 1Page - Schurter Inc. 1241.7236.1114000 Datasheet HTML 2Page - Schurter Inc. 1241.7236.1114000 Datasheet HTML 3Page - Schurter Inc. 1241.7236.1114000 Datasheet HTML 4Page - Schurter Inc. 1241.7236.1114000 Datasheet HTML 5Page - Schurter Inc. 1241.7236.1114000 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Metal Line Switches
MSM LA CS 22
www.schurter.com/PG70
Switches
Order Index Lettering
Laser Marking
001 =
A
021 =
U
041 =
÷
061 =
EIN
002 =
B
022 =
V
042 =
062 =
AUS
003 =
C
023 =
W
043 =
=
063 =
AUF
004 =
D
024 =
X
044 = #
064 =
AB
005 =
E
025 =
Y
045 =
065 =
ON
006 =
F
026 =
Z
046 =
066 =
OFF
007 =
G
027 =
0
047 =
067 =
UP
008 =
H
028 =
1
048 =
068 =
DOWN
009 =
I
029 =
2
049 =
069 =
HIGH
010 =
J
030 =
3
050 =
070 =
LOW
011 =
K
031 =
4
051 = %
071 =
ON/OFF
012 =
L
032 =
5
052 =
072 =
START
013 =
M
033 =
6
053 =
CTRL
073 =
RESET
014 =
N
034 =
7
054 =
RETURN
074 =
015 =
O
035 =
8
055 =
SHIFT
075 =
016 =
P
036 =
9
056 =
LOCK
076 =
017 =
Q
037 =
+
057 =
STOP
018 =
R
038 =
-
058 =
ENTER
019 =
S
039 =
.
059 =
BACK
020 =
T
040 = x
060 =
LINE
All Variants
Diameter
Number of Poles
Illumination, LED
Torsion Protection Config. Code
Order Number
[mm]
22
1 pole
non-illuminated
yes
MSM 22 LA CS ST
1241.7231.1110000
22
1 pole
Backlighted, red, 24 VDC
yes
MSM 22 LA CS AI red
1241.7236.1111000
22
1 pole
Backlighted, green, 24 VDC
yes
MSM 22 LA CS AI green
1241.7236.1112000
22
1 pole
Backlighted, yellow, 24 VDC
yes
MSM 22 LA CS AI yellow
1241.7236.1113000
22
1 pole
Backlighted, blue, 24 VDC
yes
MSM 22 LA CS AI blue
1241.7236.1114000
22
1 pole
Backlighted, white, 24 VDC
yes
MSM 22 LA CS AI white
1241.7236.1115000
22
1 pole
Backlighted, orange, 24 VDC
yes
MSM 22 LA CS AI orange
1241.7236.1117000
22
2 pole
non-illuminated
yes
MSM 22 LA CS ST
1241.7231.1120000
22
2 pole
Backlighted, red, 24 VDC
yes
MSM 22 LA CS AI red
1241.7236.1121000
22
2 pole
Backlighted, green, 24 VDC
yes
MSM 22 LA CS AI green
1241.7236.1122000
22
2 pole
Backlighted, yellow, 24 VDC
yes
MSM 22 LA CS AI yellow
1241.7236.1123000
22
2 pole
Backlighted, yellow, 24 VDC
yes
MSM 22 LA CS AI yellow
1241.7236.1123075
22
2 pole
Backlighted, blue, 24 VDC
yes
MSM 22 LA CS AI blue
1241.7236.1124000
22
2 pole
Backlighted, white, 24 VDC
yes
MSM 22 LA CS AI white
1241.7236.1125000
22
2 pole
Backlighted, orange, 24 VDC
yes
MSM 22 LA CS AI orange
1241.7236.1127000
Legend:
Type: MSM
CS = Ceramic Surface
ST = Standard: not lettered
LE = Lettering: lettered
AI = BL = Full Surface Backlighting: Lettering possible (see Lettering, last 3 digits)
Customer-specific versions available on request.
Special materials for use in salt and chlorinated environment on request.
The nut with gasket and micro switch are enclosed in the box.
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER


Similar Part No. - 1241.7236.1114000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.7236.1114000 SCHURTER-1241.7236.1114000 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results

Similar Description - 1241.7236.1114000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS19 SCHURTER-MSMLACS19 Datasheet
716Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com