Electronic Components Datasheet Search |
|
4301.5044 Datasheet(PDF) 6 Page - Schurter Inc. |
|
4301.5044 Datasheet(HTML) 6 Page - Schurter Inc. |
6 / 10 page 6 Power Entry Modules with Line Filter KFA www.schurter.com/PG06 Connectors Standard with Earth Line Choke 1 A 2 A 4 A 6 A 10 A Medical (M5) with Earth Line Choke 1 A 2 A 4 A 6 A 10 A All Variants Rated Current [A] Filter-Type Panel mounting Mounting side Fuseholder Terminal Voltage Selector Order Number 1 Standard Version Snap-in Front Side 1-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6011 1 Standard Version Snap-in Front Side 2-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6001 █ 2 Standard Version Snap-in Front Side 1-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6012 2 Standard Version Snap-in Front Side 2-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6002 █ 4 Standard Version Snap-in Front Side 1-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6013 4 Standard Version Snap-in Front Side 2-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6003 6 Standard Version Snap-in Front Side 1-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6014 6 Standard Version Snap-in Front Side 2-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6004 █ 10 Standard Version Snap-in Front Side 1-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6015 10 Standard Version Snap-in Front Side 2-pole Quick connect terminals 6.3 x 0.8 mm - 4301.6005 █ 1 Standard Version Screw Front Side 1-pole Quick connect terminals 6.3 x 0.8 mm - 4301.5011 █ 1 Standard Version Screw Front Side 1-pole Quick connect terminals 6.3 x 0.8 mm 3 pos. 4301.5051 |
Similar Part No. - 4301.5044 |
|
Similar Description - 4301.5044 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |