Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3410.0317 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 3410.0317
Description  Surface Mount Fuse for Space Application, ESCC QPL Listed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3410.0317 Datasheet(HTML) 4 Page - Schurter Inc.

  3410.0317 Datasheet HTML 1Page - Schurter Inc. 3410.0317 Datasheet HTML 2Page - Schurter Inc. 3410.0317 Datasheet HTML 3Page - Schurter Inc. 3410.0317 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Non resettable fuses
MGA-S
www.schurter.com/PG01_2
Fuses
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.43 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t
5.71 In typ.
[A²s]
ESCC Component
Number
Order Number
0.14
125
125
1)
258
1020
0.0008
400800101 3410.0310
0.175
125
125
1)
250
800
0.0009
400800102 3410.0311
0.262
125
125
1)
165
361
0.0037
400800103 3410.0312
0.35
125
125
1)
150
247
0.0042
400800104 3410.0313
0.525
125
125
1)
100
115
0.01
400800105 3410.0314
0.7
125
125
1)
124
98.7
0.035
400800106 3410.0315
1.05
125
125
1)
105
56
0.064
400800107 3410.0316
1.4
125
125
1)
98
39
0.089
400800108 3410.0317
1.75
125
125
1)
90
29.5
0.15
400800109 3410.0318
2.1
125
125
1)
88
24.1
0.18
400800110 3410.0319
2.8
63
125
2)
83.5
17
0.23
400800111 3410.0320
3.5
32
125
3)
90
13.5
0.45
400800112 3410.0321
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) 50 A @ 125 VAC / 300 A @ 125 VDC
2) 50 A @ 63 VAC / 50 A @ 125 VDC / 300 A @ 32 VDC
3) 50 A @ 32 VAC / 50 A @ 125 VDC / 300 A @ 32 VDC
Packaging Unit
Blister Tape on 18 cm Reel in ESD Plastic Bag
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3410.0317

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3410.0317 SCHURTER-3410.0317 Datasheet
370Kb / 3P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
More results

Similar Description - 3410.0317

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S Datasheet
370Kb / 3P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
HCSF SCHURTER-HCSF Datasheet
158Kb / 2P
   Surface Mount Fuse for High Current Space Application, ESCC QPL Listed (pending)
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E Datasheet
77Kb / 7P
   CAN Controller for Space Application
AT7908E ATMEL-AT7908E_09 Datasheet
751Kb / 50P
   CAN Controller for Space Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com