Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241.6424 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 1241.6424
Description  Metal Switch Short Stroke Ring Illuminated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.6424 Datasheet(HTML) 4 Page - Schurter Inc.

  1241.6424 Datasheet HTML 1Page - Schurter Inc. 1241.6424 Datasheet HTML 2Page - Schurter Inc. 1241.6424 Datasheet HTML 3Page - Schurter Inc. 1241.6424 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Metal Line Switches
MCS 30
www.schurter.com/PG70
Switches
All Variants
Terminal
Contact
Actuator Material
Lettering
Illumination, LED
Config. Code
Bestellnummer
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, red, 24 VDC
MCS 30 RI
1241.6400
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, green, 24 VDC
MCS 30 RI
1241.6401
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, yellow, 24 VDC
MCS 30 RI
1241.6402
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, red / green, 24 VDC
MCS 30 RI
1241.6403
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, blue, 24 VDC
MCS 30 RI
1241.6404
Flexible wire
Ag
Stainless Steel
Lettering possible
Ring Illumination, red, 24 VDC
MCS 30 RI
1241.6405
Flexible wire
Ag
Stainless Steel
with Lettering
Ring Illumination, red, 24 VDC
MCS 30 RI
1241.6405.054
Flexible wire
Ag
Stainless Steel
Lettering possible
Ring Illumination, green, 24 VDC
MCS 30 RI
1241.6406
Flexible wire
Ag
Stainless Steel
Lettering possible
Ring Illumination, yellow, 24 VDC
MCS 30 RI
1241.6407
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, red / green, 12 VDC
MCS 30 RI
1241.6424
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, red / green / blue, 5 - 28 VDC
MCS 30 RI
1241.6454
Flexible wire
Ag
Zinc Diecasting
without Lettering
Ring Illumination, red / green / yellow, 5 - 28 VDC
MCS 30 RI
1241.6455
Flexible wire
Ag
Stainless Steel
Lettering possible
Ring Illumination, red / green / blue, 5 - 28 VDC
MCS 30 RI
1241.6456
The MCS 30 switch versions "Lettering possible" can be lettered according to the lettering indices.
The MCS 30 housing is made of aluminium
Plastic nut with gasket are enclosed in the box.
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
20 in cardboard box packed in air cushion bag
- Actuating elements in ESD safe packaging
- Screw nuts and sealing rings in a bag (enclosd in the box)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 1241.6424

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.6400 SCHURTER-1241.6400 Datasheet
571Kb / 5P
   Metal Switch Short Stroke Ring Illuminated
05.01.2022
1241.6401 SCHURTER-1241.6401 Datasheet
571Kb / 5P
   Metal Switch Short Stroke Ring Illuminated
05.01.2022
1241.6403 SCHURTER-1241.6403 Datasheet
571Kb / 5P
   Metal Switch Short Stroke Ring Illuminated
05.01.2022
1241.6454 SCHURTER-1241.6454 Datasheet
571Kb / 5P
   Metal Switch Short Stroke Ring Illuminated
05.01.2022
1241.6455 SCHURTER-1241.6455 Datasheet
571Kb / 5P
   Metal Switch Short Stroke Ring Illuminated
05.01.2022
More results

Similar Description - 1241.6424

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS30 SCHURTER-MCS30_V02 Datasheet
571Kb / 5P
   Metal Switch Short Stroke Ring Illuminated
05.01.2022
MCS30 SCHURTER-MCS30_18 Datasheet
549Kb / 4P
   Metal Switch Short Stroke Ring Illuminated
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
   Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19 Datasheet
638Kb / 6P
   Metal Switch Short Stroke
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
   Metal Switch Short Stroke
05.01.2022
MTG SCHURTER-MTG Datasheet
255Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
   Membrane Switch Frontpanel Short Stroke 18 mm
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
   Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com