Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241.3665 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 1241.3665
Description  Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.3665 Datasheet(HTML) 1 Page - Schurter Inc.

  1241.3665 Datasheet HTML 1Page - Schurter Inc. 1241.3665 Datasheet HTML 2Page - Schurter Inc. 1241.3665 Datasheet HTML 3Page - Schurter Inc. 1241.3665 Datasheet HTML 4Page - Schurter Inc. 1241.3665 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Metal Line Switches
PSE NO 24
www.schurter.com/PG70
Switches
Piezo Switch N.O.
PSE M24 RI red
PSE M24 RI Multicolor
Description
- Available in version Standard and lettered, from diameter 22 mm with
Point Illumination or Ring Illumination
- Multicolor: flexible input voltage from 5 - 28 VDC at constant bright-
ness
- with color combination RGB and RGY
- 7 possible color combinations with RGB configuration
- Assembly by mounting with nut
- Pins, Wire, Crimp Terminal male or Cable with Faston
Unique Selling Proposition
- Variety of design options regarding size, colour, shape, connection or
lettering
- High reliability, long lifetime with more than 20 mill. actuations
- With multicolor ring illumination
Approvals
- EMC: EMC directive 2004/108/EWG
- DGUV Test Certificate: FW 11040 Requirements for Food Processing
Equipment
- MIL-STD Certificate Number: 202F Method 107G, 202F Method 204D,
202F Method 213B, 416D Method RS103, 810E Method 501.3, 810E
Method 502.3, 810E Method 507.3
- VDE Certificate Number: DIN EN 61000-4-2, DIN EN 61000-4-4, DIN
EN 61000-4-5
Characteristics
- Housing material types: plastic, aluminum or stainless steel, ring illumi-
nated version additionally made of polyamide
- For use in harsh environments, both indoors and outdoors
Other versions on request
- switch for longer switching signal duration, type: PSE IV
- switch for explosion proof applications, type: PSE EX
- switch with enhanced vandal proof protection, type: PSE HI
- as keypad, type: Piezo Keypad
References
Alternative: switch with prolonged signal: PSE IV 24
Weblinks
html-datasheet, General Product Information, CE declaration of
conformity, RoHS, CHINA-RoHS, e-Shop, CAD-Drawings, Product
News, Detailed request for product
Technical Data
Electrical Data
Switching Function
N.O.
Supply Voltage
12 / 24 VDC Ring Illumination, 24
VDC Point Illumination,
Supply Voltage Multicolor
5 - 28 VDC
Switching Voltage
max. 42 / 60 VAC/DC
Switching Current
max. 100 mA
Rated Breaking Capacity
1 W
Lifetime
20 million at Rated Switching Capacity
Switch Resistance OFF
> 10 M
Ω
Switch Resistance ON
< 20
Ω actuated (Ta = 25°C)
Capacity
5 nF
N.O. Closing Impulse Duration 20- 1000 ms depending on actuating
force, time and speed
Contact Configuration
free polarity
Mechanical Data
Actuating Force
≤ 3 N at ambient temperature
Actuating Travel
0.002 mm
Shock Protection
IK 02
Tightening Torque
2.5 Nm
Climatical Data
Operating Temperature
-40 to +85 °C
Storage Temperature
-40 to +85 °C
IP-Protection
IP 67 Front Side submerged (1m wa-
ter column), IP 69K Front side High
Pressure cleaner test, front side / rear
side DIN EN 60068-2-30 Db (Moist heat
- air test with 55°C / 93% humidity)
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housing (depending on type)
Stainless Steel, Aluminium anodized,
Polyamide
Actuating Area / Insert (with
Ring Illumination)
Stainless Steel, Aluminium anodized
Illuminated Ring (Ring Illumi-
nation)
Polyamide


Similar Part No. - 1241.3665

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.3663 SCHURTER-1241.3663 Datasheet
1Mb / 7P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3664 SCHURTER-1241.3664 Datasheet
1Mb / 7P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3666 SCHURTER-1241.3666 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3669 SCHURTER-1241.3669 Datasheet
1Mb / 7P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
More results

Similar Description - 1241.3665

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO27 SCHURTER-PSENO27 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSENO22 SCHURTER-PSENO22 Datasheet
1Mb / 7P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Rohm
BD6086GU ROHM-BD6086GU_11 Datasheet
1Mb / 81P
   13LEDs ALC* Flash and Illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
   Single or double-sided sign box illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com