Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241.3256 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 1241.3256
Description  Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.3256 Datasheet(HTML) 5 Page - Schurter Inc.

  1241.3256 Datasheet HTML 1Page - Schurter Inc. 1241.3256 Datasheet HTML 2Page - Schurter Inc. 1241.3256 Datasheet HTML 3Page - Schurter Inc. 1241.3256 Datasheet HTML 4Page - Schurter Inc. 1241.3256 Datasheet HTML 5Page - Schurter Inc. 1241.3256 Datasheet HTML 6Page - Schurter Inc. 1241.3256 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Metal Line Switches
PSE NO 22
www.schurter.com/PG70
Switches
Lettering
The last three digits in the order number define the lettering:
001-076
Standard Lettering
101-
Customized Lettering
Lettering - Aluminium / Plastic Material
Lettering Indices 001-076
Houseing color (Alu/Plastics)
Basic Version
1241.2XX5.X.XXX
Lettering - Stainless Steel
Lettering
Indices 001-076
Basic Version
1241.2XX5.XXX
Lettering Colour of Laser Lettering
Material
Lettering Colour
Stainless Steel
black
Filled letters
Aluminum natural anodized
light grey
Filled letters
(only after customer approval)
Aluminum coloured anodized
light grey
Filled letters
Order Index Lettering
Laser Marking
001 =
A
021 =
U
041 =
÷
061 =
EIN
002 =
B
022 =
V
042 =
062 =
AUS
003 =
C
023 =
W
043 =
=
063 =
AUF
004 =
D
024 =
X
044 = #
064 =
AB
005 =
E
025 =
Y
045 =
065 =
ON
006 =
F
026 =
Z
046 =
066 =
OFF
007 =
G
027 =
0
047 =
067 =
UP
008 =
H
028 =
1
048 =
068 =
DOWN
009 =
I
029 =
2
049 =
069 =
HIGH
010 =
J
030 =
3
050 =
070 =
LOW
011 =
K
031 =
4
051 = %
071 =
ON/OFF
012 =
L
032 =
5
052 =
072 =
START
013 =
M
033 =
6
053 =
CTRL
073 =
RESET
014 =
N
034 =
7
054 =
RETURN
074 =
015 =
O
035 =
8
055 =
SHIFT
075 =
016 =
P
036 =
9
056 =
LOCK
076 =
017 =
Q
037 =
+
057 =
STOP
018 =
R
038 =
-
058 =
ENTER
019 =
S
039 =
.
059 =
BACK
020 =
T
040 = x
060 =
LINE


Similar Part No. - 1241.3256

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.3003 SCHURTER-1241.3003 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.3010 SCHURTER-1241.3010 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3011 SCHURTER-1241.3011 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3017 SCHURTER-1241.3017 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
1241.3134 SCHURTER-1241.3134 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
More results

Similar Description - 1241.3256

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO27 SCHURTER-PSENO27 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSENO24 SCHURTER-PSENO24 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Rohm
BD6086GU ROHM-BD6086GU_11 Datasheet
1Mb / 81P
   13LEDs ALC* Flash and Illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
   Single or double-sided sign box illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com