Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3241TMX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN3241TMX
Description  Smart Dual-Coil Relay Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3241TMX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN3241TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 9Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 10Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3240 • Rev. 1.0.2
7
Electrical Characteristics (Continued)
Unless otherwise noted, VS = 40 V, C5VB = 0.22 µF, and TJ = -40°C to +105°C. Currents are defined as positive into
the device and negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Outputs (OUT1, OUT2)
RDS(ON)
On Resistance (OUT1, OUT2)
ISINK = 500 mA, –40°C
(10)
0.4
0.7
1.0
Ω
ISINK = 500 mA, 25°C
(10)
0.7
1.0
1.3
ISINK = 500 mA, 105°C
(10)
1.2
1.6
2.0
tRISE
Output Rise Time
(10,11)
RPULL-UP = 36
7
µs
IMAX
Maximum Current Driving Capability
tMAX = 30 ms, 25°C
1.5
A
tFALL
Output Fall Time
(10,11)
RPULL-UP = 36
7
20
ns
tMAX
Maximum Pulse Width
FAN3240
135
150
165
ms
FAN3241
27
30
33
IRVS
Output Reverse Current Withstand
(10)
500
mA
Notes:
8.
Lower supply current due to inactive TTL circuitry.
9.
EN inputs have TTL thresholds; refer to the ENABLE section.
10. Not tested in production.
11. See Timing Diagram of Figure 4.
Timing Diagrams
90%
10%
Output
Input
tQUAL
t
FALL
t
RISE
V
INL
V
INH
tMAX
Figure 4.
Timing (with EN HIGH)


Similar Part No. - FAN3241TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3241TMX FAIRCHILD-FAN3241TMX Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
ON Semiconductor
FAN3241TMX ONSEMI-FAN3241TMX Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
More results

Similar Description - FAN3241TMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Toshiba Semiconductor
SSM6N357R TOSHIBA-SSM6N357R Datasheet
457Kb / 9P
   Relay Drivers
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com