Electronic Components Datasheet Search |
|
1241.3259 Datasheet(PDF) 6 Page - Schurter Inc. |
|
1241.3259 Datasheet(HTML) 6 Page - Schurter Inc. |
6 / 7 page 6 Metal Line Switches PSE NO 22 www.schurter.com/PG70 Switches All Variants Mounting Diameter Terminal Housing Material, Torsion Protection Colour of Housing Actuator area Illumination, LED Config. Code Order Number 22 Flexible wire Stainless Steel ,no - F non-illuminated PSE M 22 NO 1241.3004 22 Flexible wire Stainless Steel ,yes - E Point Illumination, green, 24 VDC PSE M 22 NO PI 1241.3594.M 22 Flexible wire Aluminum ,yes Alu natural F Ring Illumination, blue, 12 VDC PSE M 22 NO RI 1241.3390 22 Flexible wire Aluminum ,yes Alu natural E Ring Illumination, green, 12 VDC PSE M 22 NO RI 1241.3251 22 Flexible wire Aluminum ,yes Alu natural E Ring Illumination, red / green, 12 VDC PSE M 22 NO RI 1241.3252 █ 22 Flexible wire Aluminum ,yes Alu natural E Ring Illumination, red, 12 VDC PSE M 22 NO RI 1241.3250 22 Flexible wire Aluminum ,yes Alu natural F Ring Illumination, blue, 24 VDC PSE M 22 NO RI 1241.3413 22 Flexible wire Aluminum ,yes Alu natural E Ring Illumination, green, 24 PSE M 22 NO RI 1241.3257 █ 22 Flexible wire Aluminum ,yes Alu natural E Ring Illumination, red / green, 24 VDC PSE M 22 NO RI 1241.3258 █ 22 Flexible wire Aluminum ,yes Alu natural E Ring Illumination, red, 24 VDC PSE M 22 NO RI 1241.3256 █ 22 Flexible wire Aluminum ,no Alu natural F Ring Illumination, red / green / blue, 5 - 28 VDC PSE M 22 NO RI 1241.3663 █ 22 Flexible wire Aluminum ,no Alu natural F Ring Illumination, red / green / yellow, 5 - 28 VDC PSE M 22 NO RI 1241.3664 █ 22 Flexible wire Stainless Steel ,no - E Ring Illumination, red / green / blue, 5 - 28 VDC PSE M 22 NO RI 1241.3669 █ 22 Plug Connector Aluminum ,yes Alu natural E Ring Illumination, green, 12 VDC PSE M 22 NO RI 1241.3254 22 Plug Connector Aluminum ,yes Alu natural E Ring Illumination, red, 12 VDC PSE M 22 NO RI 1241.3253 22 Plug Connector Aluminum ,yes Alu natural E Ring Illumination, green, 24 VDC PSE M 22 NO RI 1241.3260 22 Plug Connector Aluminum ,yes Alu natural E Ring Illumination, red / green, 24 VDC PSE M 22 NO RI 1241.3261 █ 22 Plug Connector Aluminum ,yes Alu natural E Ring Illumination, red, 24 VDC PSE M 22 NO RI 1241.3259 22 Quick Connect Terminal Aluminum ,no Alu natural F Point Illumination, blue, 24 VDC PSE M 22 NO PI 1241.3244.M █ 22 Quick Connect Terminal Aluminum ,no Alu natural F Point Illumination, green, 24 VDC PSE M 22 NO PI 1241.3089.M █ 22 Quick Connect Terminal Aluminum ,no green F Point Illumination, green, 24 VDC PSE M 22 NO PI 1241.3167.M 22 Quick Connect Terminal Aluminum ,no Alu natural F Point Illumination, red, 24 VDC PSE M 22 NO PI 1241.3020.M █ 22 Quick Connect Terminal Aluminum ,no red F Point Illumination, red, 24 VDC PSE M 22 NO PI 1241.3166.M 22 Quick Connect Terminal Aluminum ,no Alu natural F Point Illumination, yellow, 24 VDC PSE M 22 NO PI 1241.3047.M 22 Quick Connect Terminal Aluminum ,no gold F Point Illumination, yellow, 24 VDC PSE M 22 NO PI 1241.3222.M 22 Molex connection Aluminum ,yes Alu natural E Ring Illumination, red / green, 12 VDC PSE M 22 NO RI 1241.3255 22 Pins Aluminum ,no red F non-illuminated PSE M 22 NO 1241.3005 █ 22 Pins Aluminum ,no green F non-illuminated PSE M 22 NO 1241.3006 █ 22 Pins Aluminum ,no black F non-illuminated PSE M 22 NO 1241.3007 █ 22 Pins Aluminum ,no Alu natural F non-illuminated PSE M 22 NO 1241.3008 █ 22 Pins Stainless Steel ,no - F non-illuminated PSE M 22 NO 1241.3075 █ Legend: Type: PSE NO = normaly open IV = prolonged signal RU = PI = Point Illumination RI = Ring Illumination LE = Lettered K = Plastics Alu = Aluminium ES = Stainless steel F = Finger guidance E = without finger guidance Plastic nut with gasket are enclosed in the box. Other mounting diameters, materials, colors, connections, supply voltages possible available on request. Special materials e.g. Marine grade stainless steel for use in salt and chlorinated environment on request. █ Most Popular. Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER Packaging unit 10 in box with insert or packed in air cushion bags |
Similar Part No. - 1241.3259 |
|
Similar Description - 1241.3259 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |