Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241.3020.M Datasheet(PDF) 4 Page - Schurter Inc.

Part # 1241.3020.M
Description  Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.3020.M Datasheet(HTML) 4 Page - Schurter Inc.

  1241.3020.M Datasheet HTML 1Page - Schurter Inc. 1241.3020.M Datasheet HTML 2Page - Schurter Inc. 1241.3020.M Datasheet HTML 3Page - Schurter Inc. 1241.3020.M Datasheet HTML 4Page - Schurter Inc. 1241.3020.M Datasheet HTML 5Page - Schurter Inc. 1241.3020.M Datasheet HTML 6Page - Schurter Inc. 1241.3020.M Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Metal Line Switches
PSE NO 22
www.schurter.com/PG70
Switches
Diagrams
PSE PI
NO
B)
C)
D)
E)
A)
A) Double-LED (2 colors, 3 pins) or simple LED (2 pins)
B) Cable 1 (color 1 of the LED), Supply voltage
C) Cable 2 (color 2 of the LED), Supply voltage
D) Cable 3 (black), Mass
E) Cable 4 and 5 (white), input and output PSE switch
PSE M22 RI with Wires, 12/24 V
NO
B)
C)
D)
A)
A) Cable 5 (black), Common mass of both LED groups
B) Cable 1 (color of the LEDs), Supply voltage first LED group
C) Cable 2 (color of the LEDs), Supply voltage second LED group
D) Cable 3 and 4 (white), Input and output PSE switch
PSE M22 RI with Quick Connect Terminal, 12/24 V
NO
1 2 3 4 5
NO
1 2 3 4 5
NO
1 2 3 4 5
rt
gn
gn
rt
(+)
(+)
(-)
(+)
(-)
(+)
(-)
A)
B)
C)
A) Illuminated red
B) Illuminated green
C) Illuminated red/green
PI = point illumination
RI = ring illumination
PSE M22 / M24 / M27 / M30 RI Multicolor
NO
A)
++ +
B)
C)
E)
F)
D)
A) Cable 1 (color of the LED), Supply voltage
B) Cable 2 (color of the LED), Supply voltage
C) Cable 3 (color of the LED), Supply voltage
D) Cable 4 (black), Common mass
E) Cable 5/6 (white), Input and output PSE switch
F) Cable 5/6 (white), Input and output PSE switch
Lighting options Multicolor
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
A)
B)
C)
Multicolor Singlecolor
A
Red
Multicolor Singlecolor
B
Green
Multicolor Singlecolor
C
Blue
Multicolor RGB Additive 2
A
B
Yellow
Multicolor RGB Additive 2
A
C
Magenta
Multicolor RGB Additive 2
B
C
Cyan
Multicolor RGB Additive 3
A
B
C
White


Similar Part No. - 1241.3020.M

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.3003 SCHURTER-1241.3003 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.3010 SCHURTER-1241.3010 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3011 SCHURTER-1241.3011 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3017 SCHURTER-1241.3017 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
More results

Similar Description - 1241.3020.M

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO27 SCHURTER-PSENO27 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSENO24 SCHURTER-PSENO24 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Rohm
BD6086GU ROHM-BD6086GU_11 Datasheet
1Mb / 81P
   13LEDs ALC* Flash and Illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
   Single or double-sided sign box illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com