Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4410.9002 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4410.9002
Description  Circuit Breaker for Equipment thermal with Metal Actuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4410.9002 Datasheet(HTML) 2 Page - Schurter Inc.

  4410.9002 Datasheet HTML 1Page - Schurter Inc. 4410.9002 Datasheet HTML 2Page - Schurter Inc. 4410.9002 Datasheet HTML 3Page - Schurter Inc. 4410.9002 Datasheet HTML 4Page - Schurter Inc. 4410.9002 Datasheet HTML 5Page - Schurter Inc. 4410.9002 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Thermal (T- and TA-Line)
T12-MSM
www.schurter.com/PG17_18_19
Circuit Breakers
Dimension
T12 MSM 19
6.3
11.5
ø 22
ø 15.5
M19 x 0.75
15.5
31
3
2
1
0.8
1)
1) only among MSM PI / RI quick connect terminal 2.8x0.5 mm
T12 MSM 22
6.3
11.5
ø 25
ø 17.7
M22 x 1
15.5
31
3
2
1
0.8
1)
1) only among MSM PI / RI quick connect terminal 2.8x0.5 mm


Similar Part No. - 4410.9002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4410.9013 SCHURTER-4410.9013 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
4410.9013 SCHURTER-4410.9013 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
4410.9014 SCHURTER-4410.9014 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
4410.9014 SCHURTER-4410.9014 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
4410.9015 SCHURTER-4410.9015 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
More results

Similar Description - 4410.9002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T12-MSM SCHURTER-T12-MSM_18 Datasheet
574Kb / 7P
   Circuit Breaker for Equipment thermal with Metal Actuator
TM12-MSM SCHURTER-TM12-MSM Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
TM12-MSM SCHURTER-TM12-MSM_V01 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com