Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4410.9018 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4410.9018
Description  Circuit Breaker for Equipment thermal with Metal Actuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4410.9018 Datasheet(HTML) 1 Page - Schurter Inc.

  4410.9018 Datasheet HTML 1Page - Schurter Inc. 4410.9018 Datasheet HTML 2Page - Schurter Inc. 4410.9018 Datasheet HTML 3Page - Schurter Inc. 4410.9018 Datasheet HTML 4Page - Schurter Inc. 4410.9018 Datasheet HTML 5Page - Schurter Inc. 4410.9018 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Thermal (T- and TA-Line)
T12-MSM
www.schurter.com/PG17_18_19
Circuit Breakers
Circuit Breaker for Equipment thermal with Metal Actuator
Description
- Thermal circuit breaker
- Metal switch non-illuminated and illuminated
- 1-pole
- Quick connect terminals 6.3 x 0.8 mm or screw terminals
Approvals
- Approval Reference Type: T12
- IEC Standard: IEC 60934
- UL Standard: UL 1077
- GB Standard: GB 17701
Applications
- Power supplies
- Uninterruptible power supply
- Power tools
- Household appliances
References
Component 1: circuit breakers T12-221; T12-222
Component 2: metal switch MSM LA 19 ; MSM LA 22
Component 3: Coupler
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product, Product News
Technical Data
Rated Voltage AC
240 V; 50/60 Hz
Rated Voltage DC
28 V
Rated current range AC
0.05 - 15/16 A
Conditional short circuit ca-
pacity
IEC: Inc, PC1, AC 240V: 1 kA
Dielectric Strength
50 Hz: > 1.5 kV
Impulse 1.2/50
μs: > 2.5kV
Insulation resistance
500 VDC > 100 M
Ω
Endurance typical
2 x Ir: 5000 switching cycles
Reset type
AC : 2 x Ir , cos
φ 0.6 :
DC : 2 x Ir , L/R = 2 - 3 ms :
50 switching cycles
Manual ON/OFF type
AC : 2 x Ir , cos
φ 0.6 :
DC : 2 x Ir , L/R = 2 - 3 ms :
5000 switching cycles
Overload
IEC: min. 40 trips
@ 6 x Ir, cos
φ 0.6
UL / CSA: min. 50 trips
@ 1.5 x Ir, cos
φ 0.75
Ambient temperature
-5 °C to 60 °C
Vibration Resistance
± 0.75 mm @ 5 - 60 Hz
acc. to IEC 60068-2-6, test Fc
7 G @ 60 - 500 Hz
acc. to IEC 60068-2-6, test Fc
Shock Resistance
60 G / 18 ms
acc. to IEC 60068-2-27, test Ea
Tripping Type
Thermal
Actuation type
Manual ON/OFF
Shock Protection
IK 07
Tightening Torque Stainless
Steel Nut
12 Nm for thread M19, 16 Nm for M22
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Supply Voltage
24 VDC Ring Illuminationwithout series
resistor Point Illumination
Weight
ca. 45 g


Similar Part No. - 4410.9018

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4410.9013 SCHURTER-4410.9013 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
4410.9013 SCHURTER-4410.9013 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
4410.9014 SCHURTER-4410.9014 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
4410.9014 SCHURTER-4410.9014 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
4410.9015 SCHURTER-4410.9015 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
More results

Similar Description - 4410.9018

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T12-MSM SCHURTER-T12-MSM_18 Datasheet
574Kb / 7P
   Circuit Breaker for Equipment thermal with Metal Actuator
TM12-MSM SCHURTER-TM12-MSM Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
TM12-MSM SCHURTER-TM12-MSM_V01 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com