Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP125N60E Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCP125N60E
Description  Telecom / Sever Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP125N60E Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCP125N60E Datasheet HTML 1Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 2Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 3Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 4Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 5Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 6Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 7Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 8Page - Fairchild Semiconductor FCP125N60E Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.fairchildsemi.com
3
©2015 Fairchild Semiconductor Corporation
FCP125N60E Rev. 1.0
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
23456
7
1
10
100
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0.3
1
10
1
10
100
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 10.0V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
0
20406080
100
0.0
0.1
0.2
0.3
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.00.3
0.60.9
1.21.5
0.001
0.01
0.1
1
10
100
-55
oC
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
10
-1
110
10
2
10
3
0.1
1
10
100
1000
10000
100000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
0
163248
64
80
0
2
4
6
8
10
VDS = 480V
VDS = 300V
VDS = 120V
*Note: ID = 14.5A
Qg, Total Gate Charge [nC]


Similar Part No. - FCP125N60E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP125N60E ISC-FCP125N60E Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP125N60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH070N60E FAIRCHILD-FCH070N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCH165N60E FAIRCHILD-FCH165N60E Datasheet
781Kb / 9P
   Telecom / Sever Power Supplies
FCH072N60 FAIRCHILD-FCH072N60 Datasheet
771Kb / 9P
   Telecom / Sever Power Supplies
FCH125N60E FAIRCHILD-FCH125N60E Datasheet
793Kb / 9P
   Telecom / Sever Power Supplies
FCP165N60E FAIRCHILD-FCP165N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCPF067N65S3 FAIRCHILD-FCPF067N65S3 Datasheet
874Kb / 9P
   Telecom / Sever Power Supplies
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
logo
Fairchild Semiconductor
FCMT199N60 FAIRCHILD-FCMT199N60 Datasheet
943Kb / 9P
   Server and Telecom Power Supplies
FCMT299N60 FAIRCHILD-FCMT299N60 Datasheet
616Kb / 9P
   Server and Telecom Power Supplies
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com