Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF067N65S3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FCPF067N65S3
Description  Telecom / Sever Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCPF067N65S3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FCPF067N65S3 Datasheet HTML 1Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 2Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 3Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 4Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 5Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 6Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 7Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 8Page - Fairchild Semiconductor FCPF067N65S3 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2015 Fairchild Semiconductor Corporation
FCPF067N65S3 Rev. 1.1
www.fairchildsemi.com
6
Figure 14. Resistive Switching Test Circuit & Waveforms
Figure 15. Unclamped Inductive Switching Test Circuit & Waveforms
Figure 13. Gate Charge Test Circuit & Waveform
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VGS
IG = const.


Similar Part No. - FCPF067N65S3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCPF067N65S3 ISC-FCPF067N65S3 Datasheet
292Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCPF067N65S3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP125N60E FAIRCHILD-FCP125N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCH070N60E FAIRCHILD-FCH070N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCH165N60E FAIRCHILD-FCH165N60E Datasheet
781Kb / 9P
   Telecom / Sever Power Supplies
FCH072N60 FAIRCHILD-FCH072N60 Datasheet
771Kb / 9P
   Telecom / Sever Power Supplies
FCH125N60E FAIRCHILD-FCH125N60E Datasheet
793Kb / 9P
   Telecom / Sever Power Supplies
FCP165N60E FAIRCHILD-FCP165N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
logo
Fairchild Semiconductor
FCMT199N60 FAIRCHILD-FCMT199N60 Datasheet
943Kb / 9P
   Server and Telecom Power Supplies
FCMT299N60 FAIRCHILD-FCMT299N60 Datasheet
616Kb / 9P
   Server and Telecom Power Supplies
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com