Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB024N08BL7 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDB024N08BL7
Description  Synchronous Rectification for ATX / Server / Telecom PSU
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB024N08BL7 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDB024N08BL7 Datasheet HTML 1Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 2Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 3Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 4Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 5Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 6Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 7Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 8Page - Fairchild Semiconductor FDB024N08BL7 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2012 Fairchild Semiconductor Corporation
FDB024N08BL7 Rev.C4
www.fairchildsemi.com
6
Figure 13. Gate Charge Test Circuit & Waveform
Figure 14. Resistive Switching Test Circuit & Waveforms
Figure 15. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VGS


Similar Part No. - FDB024N08BL7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB024N04AL7 FAIRCHILD-FDB024N04AL7 Datasheet
390Kb / 9P
   FDB024N04AL7 N-Channel PowerTrench짰 MOSFET
FDB024N06 FAIRCHILD-FDB024N06 Datasheet
619Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.4m廓
More results

Similar Description - FDB024N08BL7

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-7250 AAEON-FWS-7250 Datasheet
209Kb / 2P
   100w atx psu
logo
Infineon Technologies A...
BSC026N08NS5 INFINEON-BSC026N08NS5 Datasheet
1Mb / 12P
   Optimized for Synchronous Rectification in server and desktop
Rev.2.1,2015-08-31
logo
Advantech Co., Ltd.
HPC-7120 ADVANTECH-HPC-7120 Datasheet
624Kb / 2P
   1U Server Chassis for MicroATX/ATX/EATX Server board
13-Sep-2017
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
IRF7799L2PBF IRF-IRF7799L2PBF_15 Datasheet
268Kb / 11P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7759L2PBF IRF-IRF7759L2PBF_15 Datasheet
274Kb / 11P
   Optimized for Synchronous Rectification
IRF7769L1PBF IRF-IRF7769L1PBF_15 Datasheet
267Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
   Optimized for synchronous rectification
Rev.2.1,2014-06-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com