Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD1600N10ALZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD1600N10ALZ
Description  Consumer Appliances
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD1600N10ALZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD1600N10ALZ Datasheet HTML 1Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 2Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 3Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 4Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 5Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 6Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 7Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 8Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
FDD1600N10ALZ Rev. C3
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
Figure 12. Unclamped Inductive
Switching Capability
-80
-40
0
40
80
120
160
0.4
0.8
1.2
1.6
2.0
2.4
*Notes:
1. VGS = 10V
2. ID = 3.4A
TJ, Junction Temperature [
oC]
-80
-40
0
40
80
120
160
0.90
0.95
1.00
1.05
1.10
*Notes:
1. VGS = 0V
2. ID = 250A
TJ, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
VGS = 5V
R
JC = 8.4
oC/W
VGS = 10V
TC, Case Temperature [
oC]
1
10
100
200
0.01
0.1
1
10
30
SINGLE PULSE
TC = 25
oC
TJ = 150
oC
R
JC = 8.4
oC/W
100ms
100us
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
DC
0
2040
6080
100
0
0.05
0.10
0.15
0.20
0.25
V
DS, Drain to Source Voltage [V]
0.001
0.01
0.1
1
1
2
3
4
5
6
7
8
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)


Similar Part No. - FDD1600N10ALZ

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDD1600N10ALZ UMW-FDD1600N10ALZ Datasheet
624Kb / 6P
   100 V N-ChannelMOSFET
logo
Fairchild Semiconductor
FDD1600N10ALZD FAIRCHILD-FDD1600N10ALZD Datasheet
842Kb / 12P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
More results

Similar Description - FDD1600N10ALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Sciosense B.V.
ENS16X SCIOSENSE-ENS16X Datasheet
1Mb / 2P
   Versatile Digital Air Quality Sensors for Building Automation, Appliances & Consumer Applications
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
   LOUDSPEAKER APPLIANCES
logo
Silicon Laboratories
AN522 SILABS-AN522 Datasheet
1Mb / 8P
   TOUCHLESS LAVATORY APPLIANCES
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com